Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3595 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP3595
Description  DUAL PHASE SYNCHRONOUS RECTIFIED BUCK CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3595 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP3595 Datasheet HTML 1Page - Diodes Incorporated AP3595 Datasheet HTML 2Page - Diodes Incorporated AP3595 Datasheet HTML 3Page - Diodes Incorporated AP3595 Datasheet HTML 4Page - Diodes Incorporated AP3595 Datasheet HTML 5Page - Diodes Incorporated AP3595 Datasheet HTML 6Page - Diodes Incorporated AP3595 Datasheet HTML 7Page - Diodes Incorporated AP3595 Datasheet HTML 8Page - Diodes Incorporated AP3595 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
AP3595
Document number: DS36749 Rev. 1 - 2
5 of 23
www.diodes.com
January 2014
© Diodes Incorporated
AP3595
A Product Line of
Diodes Incorporated
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VCC
Supply Input Voltage
10.8
13.2
V
TA
Operating Ambient Temperature
-40
+85
°C
TJ
Operating Junction Temperature
-40
+125
°C
Electrical Characteristics (@VCC=12V, TA=+25C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
SUPPLY INPUT
VCC
Supply Input Voltage
–
10.8
–
13.2
V
ICC
Supply Current
HG and LG Open, VCC=12V,
Switching
–
5
–
mA
IQ
Quiescent Current
No Switching, IPCC=0mA
–
4
–
mA
VPCC
Regulated Supply Voltage
RT/EN=0V, IPCC=0mA
8
9
10
V
VRTH
POR Threshold
–
8
9
10
V
VHYS
POR Hysteresis
–
–
1
–
V
CHIP ENABLE/FREQUENCY SETTING
IRT/EN
RT/EN Sourcing Current
VRT/EN=GND
100
150
200
A
VRT/EN
RT/EN Voltage
RRT=33kΩ
–
1
–
V
–
Switching Frequency Setting Range
–
50
–
1000
kHz
fOSC
Free Run Switching Frequency
RRT=33kΩ
270
300
330
kHz
△ fOSC
Switching Frequency Accuracy
fOSC=200kHz to 500kHz
-15
–
15
%
OSCILLATOR
–
Maximum Duty Cycle
–
–
40
–
%
–
Minimum Duty Cycle
–
–
0
–
%
VOSC
Ramp Amplitude
VCC=12V
–
3.5
–
V
POWER SAVING MODE
VPSI_H
Threshold Voltage for Entering Dual
Phase
VPSI rising
1.2
–
–
V
VPSI_L
Threshold Voltage for Entering
Single Phase
VPSI falling
–
–
0.4
V
REFERENCE VOLTAGE
VREF
Reference Voltage Accuracy
IREF=100A
1.98
2.0
2.02
V
△ VREF
Reference Voltage Load Regulation
IREF=0 to 2mA
-5
–
5
mV
△ VFB
Output Voltage Accuracy
|VREFIN-VFB|, VCC=12V, No Load,
RDRP=0, VREFIN=0.8V to 1.6V
–
–
5
mV
ERROR AMPLIFIER
AO
Open Loop DC Gain
Guaranteed by design
70
80
–
dB
GBW
Gain Bandwidth Product
CLOAD=5pF, Guaranteed by design
–
20
–
MHz
SR
Slew Rate
Guaranteed by design
15
20
–
V/
s
ICOMP
Maximum Current (Sink and Source)
VCOMP=1.6V
1.5
2.0
–
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com