Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3595 Datasheet(PDF) 18 Page - Diodes Incorporated

Part # AP3595
Description  DUAL PHASE SYNCHRONOUS RECTIFIED BUCK CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3595 Datasheet(HTML) 18 Page - Diodes Incorporated

Back Button AP3595 Datasheet HTML 14Page - Diodes Incorporated AP3595 Datasheet HTML 15Page - Diodes Incorporated AP3595 Datasheet HTML 16Page - Diodes Incorporated AP3595 Datasheet HTML 17Page - Diodes Incorporated AP3595 Datasheet HTML 18Page - Diodes Incorporated AP3595 Datasheet HTML 19Page - Diodes Incorporated AP3595 Datasheet HTML 20Page - Diodes Incorporated AP3595 Datasheet HTML 21Page - Diodes Incorporated AP3595 Datasheet HTML 22Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
AP3595
Document number: DS36749 Rev. 1 - 2
18 of 23
www.diodes.com
January 2014
© Diodes Incorporated
AP3595
A Product Line of
Diodes Incorporated
Application Information (Cont.)
The conduction losses are the largest component of power dissipation for both the high-side and the low-side MOSFETs. These losses are
distributed between the two MOSFETs according to duty factor (see the equations below). Only the high-side MOSFET has switching losses since
the low-side MOSFETs body diode or an external Schottky rectifier across the lower MOSFET clamps the switching node before the synchronous
rectifier turns on. These equations assume linear voltage current transitions and do not adequately model power loss due to the reverse-recovery
of the low-side MOSFET body diode. The gate-charge losses are dissipated by
AP3595 and don’t heat the MOSFETs. However, large gate-
charge increases the switching interval tSW, which increases the high-side MOSFET switching losses. Ensure that all MOSFETs are within their
maximum junction temperature at high ambient temperature by calculating the temperature rise according to package thermal resistance
specifications. A separate heat sink may be necessary depending upon MOSFET power, package type, ambient temperature and air flow.
For the high-side and low-side MOSFETs, the losses are approximately given by the following equations:
PHIGH-SIDE=IOUT
2×(1+TC) ×RDS(ON)×D+0.5×IOUT×VIN×tSW×fSW
PLOW-SIDE=IOUT
2×(1+TC)×(RDS(ON))×(1-D)
Where IOUT is the load current, TC is the temperature dependency of RDS(ON), fSW is the switching frequency, tSW is the switching interval, D is the
duty cycle.
Note that both MOSFETs have conduction losses while the high-side MOSFET includes an additional transition loss. The switching interval, tSW, is
the function of the reverse transfer capacitance CRSS. The (1+TC) term is a factor in the temperature dependency of the RDS(ON) and can be
extracted from the “RDS(ON) vs. Temperature” curve of the power MOSFET.
18. Layout Consideration
In any high switching frequency converter, a correct layout is important to ensure proper operation of the regulator.
With power devices switching at higher frequency, the resulting current transient will cause voltage spike across the interconnecting impedance
and parasitic circuit elements. As an example, consider the turn-off transition of the PWM MOSFET. Before turn-off condition, the MOSFET is
carrying the full load current. During turn-off, current stops flowing in the MOSFET and is freewheeling by the low side MOSFET and parasitic
diode. Any parasitic inductance of the circuit generates a large voltage spike during the switching interval. In general, using short and wide printed
circuit traces should minimize interconnecting impedances and the magnitude of voltage spike.
Besides, signal and power grounds are to be kept separating and finally combined using ground plane construction or single point grounding. The
best tie-point between the signal ground and the power ground is at the negative side of the output capacitor on each channel, where there is less
noise. Noisy traces beneath the IC are not recommended. Figure 11 illustrates the layout, with bold lines indicating high current paths; these
traces must be short and wide. Components along the bold lines should be placed close together. Below is a checklist for your layout:
1. Keep the switching nodes (HGx, LGx, BOOTx, and PHASEx) away from sensitive small signal nodes since these nodes are fast moving signals.
Therefore keep traces to these nodes as short as possible and there should be no other weak signal traces in parallel with theses traces on any
layer.
2. The signals going through theses traces have both high dv/dt and high dI/dt with high peak charging and discharging current. The traces from
the gate drivers to the MOSFETs (HGx and LGx) should be short and wide.
3. Place the source of the high-side MOSFET and the drain of the low-side MOSFET as close as possible. Minimizing the impedance with wide
layout plane between the two pads reduces the voltage bounce of the node. In addition, the large layout plane between the drain of the MOSFETs
(VIN and PHASEx nodes) can get better heat sinking.
4. For experiment result of accurate current sensing, the current sensing components are suggested to place close to the inductor part. To avoid
the noise interference, the current sensing trace should be away from the noisy switching nodes.
5. Decoupling capacitors, the resistor-divider, and the boot capacitor should be close to their pins. (For example, place the decoupling ceramic
capacitor as close as possible to the drain of the high-side MOSFET).The input bulk capacitors should be close to the drain of the high-side
MOSFET, and the output bulk capacitors should be close to the loads.
6. The input c
apacitor’s ground should be close to the grounds of the output capacitors and the low-side MOSFET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com