Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3595 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP3595
Description  DUAL PHASE SYNCHRONOUS RECTIFIED BUCK CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3595 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP3595 Datasheet HTML 2Page - Diodes Incorporated AP3595 Datasheet HTML 3Page - Diodes Incorporated AP3595 Datasheet HTML 4Page - Diodes Incorporated AP3595 Datasheet HTML 5Page - Diodes Incorporated AP3595 Datasheet HTML 6Page - Diodes Incorporated AP3595 Datasheet HTML 7Page - Diodes Incorporated AP3595 Datasheet HTML 8Page - Diodes Incorporated AP3595 Datasheet HTML 9Page - Diodes Incorporated AP3595 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
AP3595
Document number: DS36749 Rev. 1 - 2
6 of 23
www.diodes.com
January 2014
© Diodes Incorporated
AP3595
A Product Line of
Diodes Incorporated
Electrical Characteristics (Cont.) (@VCC=12V, TA=+25C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
SOFT START
ISS
Soft Start Current
During soft start
–
22
–
A
ISS_CC
Supply Current
After soft start end
–
200
–
A
TOTAL CURRENT SENSE
ICSN_MAX
Maximum Sourcing Current
–
100
–
–
A
–
GM Amplifier Offset Voltage
–
-5
0
5
mV
ICSN_OCP
Over Current Protection Threshold
–
–
60
–
A
IDRP/ICSN
Droop Accuracy
–
90
100
110
%
IPSI/ICSN
PSI Accuracy
–
90
100
110
%
PHASE CURRENT SENSE
–
Trans-conductance
–
–
1.0
–
mS
VOFS
IOFS Voltage
100k
from IOFS to VREF
–
1.5
–
V
100k
from IOFS to GND
–
0.5
–
VID CONTROL INPUT
VIH
Logic High Threshold Level
–
1.2
–
–
V
VIL
Logic Low Threshold Level
–
–
–
0.4
V
RRSET
On Resistance of RSET MOSFET
VID=High
–
20
–

IRSET
Leakage Current of RSET Pin
VRSET=2V, VID=0V
–
–
0.1
A
GATE DRIVER
IHG_SRC
Upper Gate Sourcing Current
VBOOT-VPHASE=6V
–
1.2
–
A
RHG_SNK
Upper Gate Sinking Resistance
IHG=100mA sinking
–
1.5
3

ILG_SRC
Lower Gate Sourcing Current
VPCC-VLG=6V
–
1.2
–
A
RLG_SNK
Lower Gate Sinking Resistance
ILG=100mA sinking
–
1
2

tDT
Dead Time
–
–
50
–
ns
PROTECTION
VFB-VSS
Over Voltage Protection
–
–
300
–
mV
VFB-VSS
Under Voltage Protection
–
–
-300
–
mV
–
Over Temperature Protection
–
–
+150
–
°C
–
Over Temperature Hysteresis
–
–
+20
–
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com