Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3595 Datasheet(PDF) 16 Page - Diodes Incorporated

Part # AP3595
Description  DUAL PHASE SYNCHRONOUS RECTIFIED BUCK CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3595 Datasheet(HTML) 16 Page - Diodes Incorporated

Back Button AP3595 Datasheet HTML 12Page - Diodes Incorporated AP3595 Datasheet HTML 13Page - Diodes Incorporated AP3595 Datasheet HTML 14Page - Diodes Incorporated AP3595 Datasheet HTML 15Page - Diodes Incorporated AP3595 Datasheet HTML 16Page - Diodes Incorporated AP3595 Datasheet HTML 17Page - Diodes Incorporated AP3595 Datasheet HTML 18Page - Diodes Incorporated AP3595 Datasheet HTML 19Page - Diodes Incorporated AP3595 Datasheet HTML 20Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
AP3595
Document number: DS36749 Rev. 1 - 2
16 of 23
www.diodes.com
January 2014
© Diodes Incorporated
AP3595
A Product Line of
Diodes Incorporated
Application Information (Cont.)
Calculate the C2 by the equation:
75
.
0
2
2
1
2
LC
f
R
C
4. Set the pole at the ESR zero frequency fESR:
ESR
P
f
f
1
Calculate the C1 by the following equation:
1
2
2
2
2
1
ESR
f
C
R
C
C
5. Set the second pole fP2 at the half of the switching frequency and also set the second zero fZ2 at the output LC filter double pole fLC. The
compensation gain should not exceed the error amplifier open loop gain. Check the compensation gain at fP2 with the capabilities of the error
amplifier.
LC
Z
SW
P
f
f
f
f
2
2
5
.
0
Combine the two equations will get the following component calculations:
1
2
1
3
LC
SW
f
f
R
R
SW
f
R
C
3
1
3
Figure 10.Converter Gain and Frequency
14. Output Inductor Selection
The duty cycle (D) of a buck converter is the function of the input voltage and output voltage. Once an output voltage is fixed, it can be written as:
IN
OUT
V
V
D
/
For two-phase converter, the inductor value (L)
determines the sum of the two inductor ripple current, ΔIP-P, and affects the load transient
response. Higher inductor value
reduces the output capacitors’ ripple current and induces lower output ripple voltage. The ripple current can be
approximated by:
IN
OUT
SW
OUT
IN
P
P
V
V
L
f
V
V
I
2
Where fSW is the switching frequency of the regulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com