Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3595 Datasheet(PDF) 21 Page - Diodes Incorporated

Part # AP3595
Description  DUAL PHASE SYNCHRONOUS RECTIFIED BUCK CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3595 Datasheet(HTML) 21 Page - Diodes Incorporated

Back Button AP3595 Datasheet HTML 15Page - Diodes Incorporated AP3595 Datasheet HTML 16Page - Diodes Incorporated AP3595 Datasheet HTML 17Page - Diodes Incorporated AP3595 Datasheet HTML 18Page - Diodes Incorporated AP3595 Datasheet HTML 19Page - Diodes Incorporated AP3595 Datasheet HTML 20Page - Diodes Incorporated AP3595 Datasheet HTML 21Page - Diodes Incorporated AP3595 Datasheet HTML 22Page - Diodes Incorporated AP3595 Datasheet HTML 23Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
AP3595
Document number: DS36749 Rev. 1 - 2
21 of 23
www.diodes.com
January 2014
© Diodes Incorporated
AP3595
A Product Line of
Diodes Incorporated
Package Outline Dimensions (All dimensions in mm(inch).)
(1)
Package Type: U-QFN4040-24
3.900(0. 154)
4.100(0. 161)
3.900(0. 154)
4.100(0. 161)
0.200(0. 008)
MIN
0.500(0. 020)
BSC
0.300(0. 012)
0.500(0. 020)
0.180(0. 007)
0.300(0. 012)
0.000(0. 000)
0.050(0. 002)
N1
N7
N13
N19
N24
Pin 1 Mark
Pin 1 Options
DETAIL A
1
2
3
24
22
23
1
2
3
24
22
23
1
2
3
24
22
23
PIN # 1 IDENTIFICATION
See DETAIL A
.
Symbol
D=E
A
min(mm)
max(mm)
max(mm)
min(mm)
min(inch)
min(inch)
max(inch)
max(inch)
Option1
Option2
2.600
2.350
2.800
2.550
0.102
0.110
0.093
0.100
0.850
0.850
0.700
0.700
0.028
0.028
0.033
0.033
D
E
A3
max(mm)
min(mm)
min(inch) max(inch)
0.253
0.253
0.153
0.153
0.006
0.006
0.010
0.010
Option3
2.600
2.800
0.102
0.110
0.650
0.550
0.022
0.026
0.175
0.125
0.005
0.007
A
A3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com