Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3595 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP3595
Description  DUAL PHASE SYNCHRONOUS RECTIFIED BUCK CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3595 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP3595 Datasheet HTML 1Page - Diodes Incorporated AP3595 Datasheet HTML 2Page - Diodes Incorporated AP3595 Datasheet HTML 3Page - Diodes Incorporated AP3595 Datasheet HTML 4Page - Diodes Incorporated AP3595 Datasheet HTML 5Page - Diodes Incorporated AP3595 Datasheet HTML 6Page - Diodes Incorporated AP3595 Datasheet HTML 7Page - Diodes Incorporated AP3595 Datasheet HTML 8Page - Diodes Incorporated AP3595 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
AP3595
Document number: DS36749 Rev. 1 - 2
1 of 23
www.diodes.com
January 2014
© Diodes Incorporated
AP3595
A Product Line of
Diodes Incorporated
DUAL PHASE SYNCHRONOUS RECTIFIED BUCK CONTROLLER
Description
The AP3595 is a compact dual phase synchronous rectified buck
controller specifically designed to deliver high quality output voltage.
This device operates at adjustable operation frequency and is
capable of delivering up to 60A output current.
This controller integrates internal MOSFET drivers that support
12V+12V bootstrapped voltage for high efficiency power conversion.
The bootstrap diode is built-in to simplify the circuit design and
minimize external part count.
The AP3595 features configurable gate driving voltage for maximum
efficiency and optimal performance. The built-in bootstrap diode
simplifies the circuit design and reduces external part count and PCB
space. The output voltage is precisely regulated to the reference input
that is dynamically adjustable by external voltage divider.
Other features include adjustable soft start, adjustable operation
frequency, and quick response to step-load transient. With afore-
mentioned functions, the IC provides customers a compact, high
efficiency, well-protected and cost-effective solution.
This IC is available in U-QFN4040-24 package.
Features
Operate with Single Supply Voltage
Simple Single Loop Voltage Mode Control
12V+12V Bootstrapped Drivers with Internal Bootstrap Diode
Adjustable Over Current Protection by DCR
Current Sensing
Adjustable Current Balancing by RDS(ON) Current Sensing
Adjustable Operation Frequency from 50kHz to 1MHz Per Phase
External Compensation
Dynamic Output Voltage Adjustment
Adjustable Soft Start
U-QFN4040-24 Package
RoHS Compliant and 100% Lead (Pb)-free
Totally Lead-free & Fully RoHS Compliant (Note1 & 2)
Halogen and Antimony Free.
“Green” Device (Note 3)
Pin Assignments
(Top View)
FB
COMP
IOFS
RT/EN
VREF
REFIN
VCC
PVCC
LG1
PHASE1
HG1
BOOT1
Pin 1 Mark
EP
1
10
2
3
4
5
6
7
8
9
11 12
13
14
15
16
17
18
19
20
21
22
23
24
U-QFN4040-24 (FN Package)
Applications
Middle-High End GPU Core Power
High End Desktop PC Memory Core Power
Low Output Voltage, High Power Density
DC-DC Converters
Voltage Regulator Modules
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - AP3595

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3591 DIODES-AP3591 Datasheet
689Kb / 18P
SINGLE PHASE SYNCHRONOUS BUCK CONTROLLER
Rev 1
AP3591FNTR-G1 DIODES-AP3591FNTR-G1 Datasheet
689Kb / 18P
SINGLE PHASE SYNCHRONOUS BUCK CONTROLLER
Rev 1
AP3598A DIODES-AP3598A Datasheet
1Mb / 28P
COMPACT DUAL-PHASE SYNCHRONOUS-RECTIFIED BUCK CONTROLLER
Rev 2
AP3598AFNTR-G1 DIODES-AP3598AFNTR-G1 Datasheet
1Mb / 28P
COMPACT DUAL-PHASE SYNCHRONOUS-RECTIFIED BUCK CONTROLLER
Rev 2
More results

Similar Description - AP3595

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3598A DIODES-AP3598A Datasheet
1Mb / 28P
COMPACT DUAL-PHASE SYNCHRONOUS-RECTIFIED BUCK CONTROLLER
Rev 2
logo
uPI Group Inc.
UP1541R UPI-UP1541R Datasheet
221Kb / 14P
Synchronous-Rectified Buck Controller
UP3861P UPI-UP3861P Datasheet
235Kb / 17P
Dual Channel Interleaved Synchronous-Rectified Buck Controller
UP9510 UPI-UP9510 Datasheet
374Kb / 19P
3/2/1-Phase Synchronous-Rectified Buck Controller
UP1536 UPI-UP1536 Datasheet
184Kb / 10P
Synchronous-Rectified Buck Controller
UP1637 UPI-UP1637 Datasheet
387Kb / 24P
Phase Synchronous-Rectified Buck Controller
UP1666Q UPI-UP1666Q Datasheet
417Kb / 18P
2-Phase Synchronous-Rectified Buck Controller
UP9511S UPI-UP9511S Datasheet
371Kb / 19P
Phase Synchronous-Rectified Buck Controller
UP6204 UPI-UP6204 Datasheet
337Kb / 19P
Compact Three-Phase Synchronous-Rectified Buck Controller
UP1605 UPI-UP1605 Datasheet
323Kb / 23P
Compact Dual-Phase Synchronous-Rectified Buck Controller
Jun. 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com