Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3595 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP3595
Description  DUAL PHASE SYNCHRONOUS RECTIFIED BUCK CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3595 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP3595 Datasheet HTML 1Page - Diodes Incorporated AP3595 Datasheet HTML 2Page - Diodes Incorporated AP3595 Datasheet HTML 3Page - Diodes Incorporated AP3595 Datasheet HTML 4Page - Diodes Incorporated AP3595 Datasheet HTML 5Page - Diodes Incorporated AP3595 Datasheet HTML 6Page - Diodes Incorporated AP3595 Datasheet HTML 7Page - Diodes Incorporated AP3595 Datasheet HTML 8Page - Diodes Incorporated AP3595 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
AP3595
Document number: DS36749 Rev. 1 - 2
4 of 23
www.diodes.com
January 2014
© Diodes Incorporated
AP3595
A Product Line of
Diodes Incorporated
Functional Block Diagram
Reference
Voltage
POR
Internal
Regulator
Gate
Control
Logic
DUAL PHASE
Control
Gate
Control
Logic
OCP
OVP
UVP
Power Saving
Setting
Oscillator
+
-
BOOT1
HG1
PHASE1
LG1
BOOT2
HG2
LG2
PVCC
+
-
PWM
Current
Balance
RT/EN
PHASE1
PHASE2
IOFS
VREF
RSET
VID
FBRTN
REFIN
SS
EAP
FB
Error
Amplifier
COMP
+
-
CSN
CSP
PSI
FB
SS
VCC
2
24
23
1
9
8
6
5
10
11
12
3
19
20
15
21
22
16
14
13
17
4
18
PHASE2
7
Absolute Maximum Ratings(Note 4)
Symbol
Parameter
Rating
Unit
VCC
Supply Input Voltage
-0.3 to 15
V
VPHASE
PHASE to GND Voltage
DC
-0.3 to 15
V
<200ns
-5 to 30
VHG
HG to PHASE Voltage
DC
-0.3 to VBOOT-PHASE+0.3
V
<200ns
-5 to VBOOT-PHASE+5
VLG
LG to GND Voltage
DC
-0.3 to VCC+0.3
V
<200ns
-5 to VCC+5
–
BOOT to PHASE Voltage
15
V
VBOOT
BOOT to GND Voltage
DC
-0.3 to VPHASE+15
V
<200ns
-0.3 to 42
Input, Output or I/O Voltage
-0.3 to 6
V
PD
Power Dissipation
2.5
W
JA
Thermal Resistance (Junction to Ambient)
40
°C/W
TSTG
Storage Temperature Range
-65 to +150
ºC
TJ
Junction Temperature
+150
ºC
TLEAD
Lead Temperature (Soldering, 10sec)
+260
ºC
VHBM
ESD (Human Body Model)
2000
V
VMM
ESD (Machine Model)
200
V
Note 4
: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com