Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3595 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP3595
Description  DUAL PHASE SYNCHRONOUS RECTIFIED BUCK CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3595 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP3595 Datasheet HTML 7Page - Diodes Incorporated AP3595 Datasheet HTML 8Page - Diodes Incorporated AP3595 Datasheet HTML 9Page - Diodes Incorporated AP3595 Datasheet HTML 10Page - Diodes Incorporated AP3595 Datasheet HTML 11Page - Diodes Incorporated AP3595 Datasheet HTML 12Page - Diodes Incorporated AP3595 Datasheet HTML 13Page - Diodes Incorporated AP3595 Datasheet HTML 14Page - Diodes Incorporated AP3595 Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
AP3595
Document number: DS36749 Rev. 1 - 2
11 of 23
www.diodes.com
January 2014
© Diodes Incorporated
AP3595
A Product Line of
Diodes Incorporated
Application Information (Cont.)
As mentioned in the above section, the slew rate of voltage transition at SS pin and VOUT during soft start and VREFIN jumping is controlled by the
capacitor connected to the SS pin. This reduces inrush current to charge/discharge the large output capacitors during soft start and VID changing,
and prevents OCP, OVP/UVP false trigger. The SS buffer sinking/sourcing capability is limited to 22
A during soft start and 200A after soft start
end. Therefore, the slew rate of voltage ramping up/down at SS, EAP and FB pin during soft start or VID changing is calculated as:
During Soft Start
After Soft Start
4. Pre-Bias Function
AP3595 features pre-bias start-up capability. If the output voltage is pre-biased with a voltage VBIAS, that accordingly makes VFB higher than
reference voltage ramping VEAP. The error amplifier keeps VCOMP lower than the valley of the saw tooth waveform and makes PWM comparators
output low until the ramping VEAP catches up the feedback voltage. The IC keeps both upper and lower MOSFETs off until the first pulse takes
place.
5. Chip Oscillator Frequency Programming
A resistor RFS connected to RT/EN pin programs the oscillator frequency as:
)
(
)
(
10000
kHz
k
R
f
FS
OSC
Figure 2 shows the relationship between oscillation frequency and RFS.
Figure 2. Switching Frequency vs. RFS
When released, the RT/EN pin voltage is regulated at 1V. Pulling the RT/EN pin to ground shuts down the IC.
6. Current Balance
AP3595 extracts phase currents for current balance by parasitic on-resistance of the lower switches when turned on as shown in Figure 3.
Figure 3. RDS(ON) Current Sensing Scheme
The GM amplifier senses the voltage drop across the lower switch and converts it into current signal when it turns on. The sampled and held
current is expressed as:
A
12
10
R
I
I
3
)
ON
(
DS
LX
CSX
SS
FB
EAP
SS
C
A
dt
dV
dt
dV
dt
dV
22
SS
FB
EAP
SS
C
A
dt
dV
dt
dV
dt
dV
200
RFS (k)
Sample
&Hold
Current
Balance
ICS1
ICS2
_
+
Reference
Voltage
+
_
PHASE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com