Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7315 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP7315
Description  150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7315 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP7315 Datasheet HTML 2Page - Diodes Incorporated AP7315 Datasheet HTML 3Page - Diodes Incorporated AP7315 Datasheet HTML 4Page - Diodes Incorporated AP7315 Datasheet HTML 5Page - Diodes Incorporated AP7315 Datasheet HTML 6Page - Diodes Incorporated AP7315 Datasheet HTML 7Page - Diodes Incorporated AP7315 Datasheet HTML 8Page - Diodes Incorporated AP7315 Datasheet HTML 9Page - Diodes Incorporated AP7315 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
AP7315
Document number: DS38352 Rev. 1 - 2
6 of 23
www.diodes.com
December 2015
© Diodes Incorporated
AP7315
Typical Characteristics (Cont.)
0
10
20
30
40
50
0
1
2
3
4
5
Input Voltage V
IN (V)
Supply Current vs. Input Voltage
AP7315-25
0
10
20
30
40
50
0
1
2
3
4
5
Input Voltage V
IN (V)
Supply Current vs. Input Voltage
AP7315-33
2.45
2.46
2.47
2.48
2.49
2.50
2.51
2.52
2.53
2.54
2.55
-50
-25
0
25
50
75
100
Temperature Topt (℃)
Output Voltage vs. Temperature
AP7315-25
3.25
3.26
3.27
3.28
3.29
3.30
3.31
3.32
3.33
3.34
3.35
-50
-25
0
25
50
75
100
Temperature Topt (℃)
Output Voltage vs. Temperature
AP7315-33
30
32
34
36
38
40
-50
-25
0
25
50
75
100
Temperature Topt (℃)
Supply Current vs. Temperature
AP7315-25
30
32
34
36
38
40
-50
-25
0
25
50
75
100
Temperature Topt (℃)
Supply Current vs. Temperature
AP7315-33
Supply Current vs. Temperature
AP7315-25
Supply Current vs. Temperature
AP7315-33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com