Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7315 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP7315
Description  150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7315 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP7315 Datasheet HTML 1Page - Diodes Incorporated AP7315 Datasheet HTML 2Page - Diodes Incorporated AP7315 Datasheet HTML 3Page - Diodes Incorporated AP7315 Datasheet HTML 4Page - Diodes Incorporated AP7315 Datasheet HTML 5Page - Diodes Incorporated AP7315 Datasheet HTML 6Page - Diodes Incorporated AP7315 Datasheet HTML 7Page - Diodes Incorporated AP7315 Datasheet HTML 8Page - Diodes Incorporated AP7315 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
AP7315
Document number: DS38352 Rev. 1 - 2
3 of 23
www.diodes.com
December 2015
© Diodes Incorporated
AP7315
Absolute Maximum Ratings (Note 4) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Ratings
Unit
VIN
Input Voltage
6.0
V
VEN
Input Voltage EN
6.0
V
VOUT
Output Voltage
-0.3 to VIN +0.3
V
IOUT
Output Current
300
mA
PD
Power Dissipation
400
mW
TA
Operating Ambient Temperature
-40 to +85
°C
TSTG
Storage Temperature
-55 to +125
°C
Note:
4. a). Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect
device reliability.
b). Ratings apply to ambient temperature at +25°C. The JEDEC High-K board design used to derive this data is a 2in. x 2in. multi-layer board with 1oz.
internal power and ground planes and 2oz. copper traces on the top and bottom of the board.
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Min
Max
Unit
VIN
Input Voltage
1.7
5.25
V
IOUT
Output Current
0
150
mA
TA
Operating Ambient Temperature
-40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com