Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7315 Datasheet(PDF) 17 Page - Diodes Incorporated

Part # AP7315
Description  150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7315 Datasheet(HTML) 17 Page - Diodes Incorporated

Back Button AP7315 Datasheet HTML 13Page - Diodes Incorporated AP7315 Datasheet HTML 14Page - Diodes Incorporated AP7315 Datasheet HTML 15Page - Diodes Incorporated AP7315 Datasheet HTML 16Page - Diodes Incorporated AP7315 Datasheet HTML 17Page - Diodes Incorporated AP7315 Datasheet HTML 18Page - Diodes Incorporated AP7315 Datasheet HTML 19Page - Diodes Incorporated AP7315 Datasheet HTML 20Page - Diodes Incorporated AP7315 Datasheet HTML 21Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
AP7315
Document number: DS38352 Rev. 1 - 2
17 of 23
www.diodes.com
December 2015
© Diodes Incorporated
AP7315
Package Outline Dimensions (All dimensions in mm.)
(2)
Package Type: SOT23
2.300(0.091)
2.500(0.098)
1.200(0.047)
1.400(0.055)
0.890(0.035)
1.030(0.041)
0.300(0.012)
0.510(0.020)
1.900(0.075)REF
2.800(0.110)
3.000(0.118)
2.0°
3.0 °
0.500(0.020)
0.700(0.028)
1.050(0.041)REF
0.010(0.0004)
0.100(0.004)
0.900(0.035)
1.100(0.043)
4×R0.100(0.004)
7.0°
7.0°
0.550(0.022)REF
0.200(0.008)MIN
0.100(0.004) GAUGE PLANE
0.080(0.003)
0.180(0.007)
R0.100(0.004)
0.0°~10.0°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com