Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7315 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AP7315
Description  150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7315 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AP7315 Datasheet HTML 8Page - Diodes Incorporated AP7315 Datasheet HTML 9Page - Diodes Incorporated AP7315 Datasheet HTML 10Page - Diodes Incorporated AP7315 Datasheet HTML 11Page - Diodes Incorporated AP7315 Datasheet HTML 12Page - Diodes Incorporated AP7315 Datasheet HTML 13Page - Diodes Incorporated AP7315 Datasheet HTML 14Page - Diodes Incorporated AP7315 Datasheet HTML 15Page - Diodes Incorporated AP7315 Datasheet HTML 16Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
AP7315
Document number: DS38352 Rev. 1 - 2
12 of 23
www.diodes.com
December 2015
© Diodes Incorporated
AP7315
Ordering Information (Note 12)
AP7315X - XXX XXX - XX
Output Voltage
Output Discharge
11 : 1.1V
Packing
7: Tape & Reel
FS4: X2-DFN1010-4
Package Code
185 : 1.85V
W5: SOT25
SA: SOT23
SR: SOT23
7B: Tape & Reel
Blank: Non Discharge
D: Discharge
12 : 1.2V
135 : 1.35V
15 : 1.5V
18 : 1.8V
22 : 2.2V
23 : 2.3V
25 : 2.5V
26 : 2.6V
28 : 2.8V
285 : 2.85V
295 : 2.95V
30 : 3.0V
31 : 3.1V
32 : 3.2V
33 : 3.3V
29 : 2.9V
Part Number
Package
Code
Packaging
7” Tape and Reel
Quantity
Part Number Suffix
AP7315-XXXFS4-7B
FS4
X2-DFN1010-4
10000/Tape & Reel
-7B
AP7315D-XXXFS4-7B
FS4
X2-DFN1010-4
10000/Tape & Reel
-7B
AP7315-XXXW5-7
W5
SOT25
3000/Tape & Reel
-7
AP7315D-XXXW5-7
W5
SOT25
3000/Tape & Reel
-7
AP7315-XXXSA-7
SA
SOT23
3000/Tape & Reel
-7
AP7315-XXXSR-7
SR
SOT23
3000/Tape & Reel
-7
Note:
12. For packaging details, go to our website at http://www.diodes.com/products/packages.html.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com