Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7315 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP7315
Description  150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7315 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP7315 Datasheet HTML 1Page - Diodes Incorporated AP7315 Datasheet HTML 2Page - Diodes Incorporated AP7315 Datasheet HTML 3Page - Diodes Incorporated AP7315 Datasheet HTML 4Page - Diodes Incorporated AP7315 Datasheet HTML 5Page - Diodes Incorporated AP7315 Datasheet HTML 6Page - Diodes Incorporated AP7315 Datasheet HTML 7Page - Diodes Incorporated AP7315 Datasheet HTML 8Page - Diodes Incorporated AP7315 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
AP7315
Document number: DS38352 Rev. 1 - 2
1 of 23
www.diodes.com
December 2015
© Diodes Incorporated
AP7315
150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
Description
The AP7315 is a low dropout regulator with high output voltage
accuracy, low RDS(ON), high PSRR, low output noise and low
quiescent current. This regulator is based on a CMOS process.
The AP7315 includes a voltage reference, error amplifier, current limit
circuit and an enable input to turn it on and off. With the integrated
resistor network fixed output voltage versions can be delivered.
With its low power consumption and line and load transient response,
the AP7315 is well suited for low power handheld communication
equipment.
The AP7315 is packaged in X2-DFN1010-4, SOT23 and SOT25
packages and allows for smallest footprint and dense PCB layout.
Features
Low VIN and Wide VIN Range: 1.7V to 5.25V
Guarantee Output Current,150mA
VOUT Accuracy ±1%
Ripple Rejection 75dB at 1kHz
Low Output Noise, 60µVrms from 10Hz to 100kHz
Quiescent Current as Low as 35µA
VOUT Fixed 1.1V to 3.3V
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free, Green Device (Note 3)
Applications
Smart Phone/PAD
RF Supply
Cameras
Portable Video
Portable Media Player
Wireless Adapter
Wireless Communication
Pin Assignments
Pin 1
– V
OUT, Pin 2 – GND, Pin 3 – EN, Pin 4 – VIN
(Top View)
(Top View)
SOT23 (SA)
SOT23 (SR)
(Top View)
SOT25
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free,"Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
1
2
3
4
5
VIN
GND EN/NC
NC
VOUT
3
2
1
GND
VIN
VOUT
3
2
1
VIN
GND
VOUT


Similar Part No. - AP7315

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7315DQ DIODES-AP7315DQ Datasheet
293Kb / 2P
500mA, High-PSRR, Low-Noise, Automotive-Compliant LDO with Power Good and Adjustable Output Voltages
February 2025
AP7315DQ-11W5-7 DIODES-AP7315DQ-11W5-7 Datasheet
637Kb / 12P
AUTOMOTIVE COMPLIANT 150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
January 2021
AP7315DQ-12W5-7 DIODES-AP7315DQ-12W5-7 Datasheet
637Kb / 12P
AUTOMOTIVE COMPLIANT 150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
January 2021
AP7315DQ-15W5-7 DIODES-AP7315DQ-15W5-7 Datasheet
637Kb / 12P
AUTOMOTIVE COMPLIANT 150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
January 2021
AP7315DQ-172W5-7 DIODES-AP7315DQ-172W5-7 Datasheet
637Kb / 12P
AUTOMOTIVE COMPLIANT 150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
January 2021
More results

Similar Description - AP7315

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS5205 TSC-TS5205 Datasheet
157Kb / 6P
150mA Low Noise LDO Voltage Regulator with Enable
TS5205 TSC-TS5205_1 Datasheet
183Kb / 6P
150mA Low Noise LDO Voltage Regulator with Enable
logo
Diodes Incorporated
AP7340 DIODES-AP7340 Datasheet
974Kb / 15P
150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
Rev 2
AP7341 DIODES-AP7341 Datasheet
1Mb / 14P
300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
Rev 4
AP7342 DIODES-AP7342 Datasheet
2Mb / 14P
DUAL 150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
Rev 2
AP7343 DIODES-AP7343 Datasheet
1Mb / 16P
300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
Rev 2
AP7344 DIODES-AP7344 Datasheet
920Kb / 15P
DUAL 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
Rev 1
AP7315Q DIODES-AP7315Q Datasheet
637Kb / 12P
AUTOMOTIVE COMPLIANT 150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
January 2021
AP7330 DIODES-AP7330 Datasheet
1Mb / 13P
300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
February 2018
AP7345D DIODES-AP7345D Datasheet
1Mb / 15P
DUAL 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
December 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com