Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7315 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP7315
Description  150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7315 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP7315 Datasheet HTML 7Page - Diodes Incorporated AP7315 Datasheet HTML 8Page - Diodes Incorporated AP7315 Datasheet HTML 9Page - Diodes Incorporated AP7315 Datasheet HTML 10Page - Diodes Incorporated AP7315 Datasheet HTML 11Page - Diodes Incorporated AP7315 Datasheet HTML 12Page - Diodes Incorporated AP7315 Datasheet HTML 13Page - Diodes Incorporated AP7315 Datasheet HTML 14Page - Diodes Incorporated AP7315 Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
AP7315
Document number: DS38352 Rev. 1 - 2
11 of 23
www.diodes.com
December 2015
© Diodes Incorporated
AP7315
Application Information
Output Capacitor
An output capacitor (COUT) is needed to improve transient response and maintain stability. The AP7315 is stable with very small ceramic output
capacitors. The ESR (equivalent series resistance) and capacitance drives the selection. If the application has large load variations, it is
recommended to utilize low-ESR bulk capacitors. It is recommended to place ceramic capacitors as close as possible to the load and the ground
pin and care should be taken to reduce the impedance in the layout.
Input Capacitor
To prevent the input voltage from dropping during load steps it is recommended to utilize an input capacitor (CIN). A minimum 0.47μF ceramic
capacitor is recommended between VIN and GND pins to decouple input power supply glitch. This input capacitor must be located as close as
possible to the device to assure input stability and reduce noise. For PCB layout, a wide copper trace is required for both VIN and GND pins.
Enable Control
The AP7315 is turned on by setting the EN pin high, and is turned off by pulling it low. If this feature is not used, the EN pin should be tied to VIN pin
to keep the regulator output on at all time. To ensure proper operation, the signal source used to drive the EN pin must be able to swing above and
below the specified turn-on/off voltage thresholds listed in the Electrical Characteristics section.
Short Circuit Protection
When VOUT pin is short-circuit to GND, short circuit protection will be triggered and clamp the output current to approximately 60mA. This feature
protects the regulator from over-current and damage due to overheating.
Layout Considerations
For good ground loop and stability, the input and output capacitors should be located close to the VIN, VOUT, and GND pins of the device. The
regulator GND pin should be connected to the external circuit ground to reduce voltage drop caused by trace impedance. Ground plane is generally
used to reduce trace impedance. Wide trace should be used for large current paths from VIN to VOUT, and load circuit.
ESR vs. Output Current
Ceramic type output capacitor is recommended for this series; however, the other output capacitors with low ESR also can be used. The relations
between IOUT (Output Current) and ESR of an output capacitor are shown below. The stable region is marked as the hatched area in the graph.
Measurement conditions:
Frequency Band: 10Hz to 2MHz, Temperature: -40°C to +85°C
0.001
0.01
0.1
1
10
100
0
25
50
75
100
125
150
Output Current I
OUT (mA)
ESR vs. Output Current
AP7315-18
-40°C
85°C
Stable Range
0.001
0.01
0.1
1
10
100
0
25
50
75
100
125
150
Output Current I
OUT (mA)
ESR vs. Output Current
AP7315-33
-40°C
85°C
Stable Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com