Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7315 Datasheet(PDF) 16 Page - Diodes Incorporated

Part # AP7315
Description  150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7315 Datasheet(HTML) 16 Page - Diodes Incorporated

Back Button AP7315 Datasheet HTML 12Page - Diodes Incorporated AP7315 Datasheet HTML 13Page - Diodes Incorporated AP7315 Datasheet HTML 14Page - Diodes Incorporated AP7315 Datasheet HTML 15Page - Diodes Incorporated AP7315 Datasheet HTML 16Page - Diodes Incorporated AP7315 Datasheet HTML 17Page - Diodes Incorporated AP7315 Datasheet HTML 18Page - Diodes Incorporated AP7315 Datasheet HTML 19Page - Diodes Incorporated AP7315 Datasheet HTML 20Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
AP7315
Document number: DS38352 Rev. 1 - 2
16 of 23
www.diodes.com
December 2015
© Diodes Incorporated
AP7315
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
(1)
Package Type: X2-DFN1010-4
X2-DFN1010-4
Dim
Min
Max
Typ
A
-
0.40
0.39
A1
0.00
0.05
0.02
A3
-
-
0.13
b
0.20
0.30
0.25
D
0.95
1.05
1.00
D2
0.38
0.58
0.48
E
0.95
1.05
1.00
E2
0.38
0.58
0.48
e
-
-
0.65
L
0.20
0.30
0.25
L1
0.27
0.37
0.32
L2
0.02
0.12
0.07
Z
-
-
0.050
All Dimensions in mm
A
A1
A3
D
E
Z
b
e
L
L2
D2
L1
Seating Plane



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com