Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7315 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP7315
Description  150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7315 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP7315 Datasheet HTML 9Page - Diodes Incorporated AP7315 Datasheet HTML 10Page - Diodes Incorporated AP7315 Datasheet HTML 11Page - Diodes Incorporated AP7315 Datasheet HTML 12Page - Diodes Incorporated AP7315 Datasheet HTML 13Page - Diodes Incorporated AP7315 Datasheet HTML 14Page - Diodes Incorporated AP7315 Datasheet HTML 15Page - Diodes Incorporated AP7315 Datasheet HTML 16Page - Diodes Incorporated AP7315 Datasheet HTML 17Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
AP7315
Document number: DS38352 Rev. 1 - 2
13 of 23
www.diodes.com
December 2015
© Diodes Incorporated
AP7315
Marking Information
(1)
X2-DFN1010-4
( Top View )
XXX
Y : Year : 0~9
X : Internal Code
XXX : Identification Code
W : Week : A~Z : 1~26 week;
a~z : 27~52 week; z represents
52 and 53 week
Y W X
Part Number
Package
Identification Code
AP7315-11FS4-7B
X2-DFN1010-4
15A
AP7315-12FS4-7B
X2-DFN1010-4
15B
AP7315-135FS4-7B
X2-DFN1010-4
15C
AP7315-15FS4-7B
X2-DFN1010-4
15D
AP7315-18FS4-7B
X2-DFN1010-4
15E
AP7315-185FS4-7B
X2-DFN1010-4
15F
AP7315-22FS4-7B
X2-DFN1010-4
15G
AP7315-23FS4-7B
X2-DFN1010-4
15H
AP7315-25FS4-7B
X2-DFN1010-4
15J
AP7315-26FS4-7B
X2-DFN1010-4
15K
AP7315-28FS4-7B
X2-DFN1010-4
15M
AP7315-285FS4-7B
X2-DFN1010-4
15N
AP7315-295FS4-7B
X2-DFN1010-4
15P
AP7315-30FS4-7B
X2-DFN1010-4
15R
AP7315-31FS4-7B
X2-DFN1010-4
15S
AP7315-32FS4-7B
X2-DFN1010-4
15T
AP7315-33FS4-7B
X2-DFN1010-4
15U
AP7315D-11FS4-7B
X2-DFN1010-4
5DA
AP7315D-12FS4-7B
X2-DFN1010-4
5DB
AP7315D-135FS4-7B
X2-DFN1010-4
5DC
AP7315D-15FS4-7B
X2-DFN1010-4
5DD
AP7315D-18FS4-7B
X2-DFN1010-4
5DE
AP7315D-185FS4-7B
X2-DFN1010-4
5DF
AP7315D-22FS4-7B
X2-DFN1010-4
5DG
AP7315D-23FS4-7B
X2-DFN1010-4
5DH
AP7315D-25FS4-7B
X2-DFN1010-4
5DJ
AP7315D-26FS4-7B
X2-DFN1010-4
5DK
AP7315D-28FS4-7B
X2-DFN1010-4
5DM
AP7315D-285FS4-7B
X2-DFN1010-4
5DN
AP7315D-29FS4-7B
X2-DFN1010-4
5DP
AP7315D-295FS4-7B
X2-DFN1010-4
5DR
AP7315D-30FS4-7B
X2-DFN1010-4
5DS
AP7315D-31FS4-7B
X2-DFN1010-4
5DT
AP7315D-32FS4-7B
X2-DFN1010-4
5DU
AP7315D-33FS4-7B
X2-DFN1010-4
5DV
(Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com