Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2389ACPZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP2389ACPZ-R7
Description  18 V, 12 A Step-Down Regulator with Programmable Current Limit
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2389ACPZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADP2389ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADP2389ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADP2389ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP2389ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP2389ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP2389ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP2389ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP2389ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP2389ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Data Sheet
ADP2389/ADP2390
Rev. 0 | Page 3 of 23
DETAILED FUNCTIONAL BLOCK DIAGRAM
Figure 3. ADP2389/ADP2390 Detailed Functional Block Diagram
CONTROL
LOGIC
AND MOSFET
DRIVER WITH
ANTICROSS
PROTECTION
IMAX
HICCUP
MODE
+
–
+
0.6V
ISS
SS
FB
COMP
gm
FTW
OCP
CMP
+
–
–
+
+
–
INEG
+
–
NEGATIVE
CURRENT
COMPARATOR
BST
PVIN
VREG
5V
REGULATOR
SW
NFET
NFET
VREG
PGND
DRIVER
DRIVER
DEGLITCH
PGOOD
GND
EN_BUF
EN
1.2V
1.3µA
ILIM
CLK
SLOPE RAMP
RT
OSC
OCP
THRESHOLD
SETTING
FAST
TRANSIENT
WINDOW
4.8µA
SKIP
CMP
ADP2390
ONLY
PFM
THRESHOLD
Σ
SLOPE RAMP
–
+
OVP
0.7V
–
+
0.66V
–
+
0.54V
CLK
ACS
+
–
SHUTDOWN
LOGIC
THERMAL
SHUTDOWN
UVLO
BOOST
REGULATOR
VIN
ADP2389/ADP2390



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com