Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2389ACPZ-R7 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP2389ACPZ-R7
Description  18 V, 12 A Step-Down Regulator with Programmable Current Limit
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2389ACPZ-R7 Datasheet(HTML) 2 Page - Analog Devices

  ADP2389ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADP2389ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADP2389ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP2389ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP2389ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP2389ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP2389ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP2389ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP2389ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
ADP2389/ADP2390
Data Sheet
Rev. 0 | Page 2 of 23
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
Typical Applications Circuit............................................................ 1
 
General Description ......................................................................... 1
 
Revision History ............................................................................... 2
 
Detailed Functional Block Diagram .............................................. 3
 
Specifications..................................................................................... 4
 
Absolute Maximum Ratings............................................................ 6
 
Thermal Information ................................................................... 6
 
ESD Caution.................................................................................. 6
 
Pin Configuration and Function Descriptions............................. 7
 
Typical Performance Characteristics ............................................. 8
 
Theory of Operation ...................................................................... 12
 
Control Scheme .......................................................................... 12
 
PFM Mode (ADP2390 Only).................................................... 12
 
Precision Enable/Shutdown ...................................................... 12
 
Internal Regulator (VREG) ....................................................... 12
 
Bootstrap Circuitry .................................................................... 12
 
Oscillator ..................................................................................... 12
 
Soft Start ...................................................................................... 13
 
Fast Transient Response ............................................................ 13
 
Power Good................................................................................. 13
 
Peak Current-Limit and Short-Circuit Protection................. 13
 
Overvoltage Protection (OVP) ................................................. 13
 
Undervoltage Lockout (UVLO) ............................................... 13
 
Thermal Shutdown .................................................................... 13
 
Applications Information .............................................................. 14
 
Input Capacitor Selection.......................................................... 14
 
Output Voltage Setting .............................................................. 14
 
Inductor Selection ...................................................................... 14
 
Output Capacitor Selection....................................................... 15
 
Programming Input Voltage UVLO ........................................ 15
 
Compensation Design ............................................................... 15
 
Design Example .............................................................................. 17
 
Output Voltage Setting .............................................................. 17
 
Frequency Setting....................................................................... 17
 
Inductor Selection ...................................................................... 17
 
Output Capacitor Selection....................................................... 17
 
Compensation Components..................................................... 18
 
Soft Start Time Program ........................................................... 18
 
Input Capacitor Selection.......................................................... 18
 
Schematic for Design Example................................................. 18
 
External Components Recommendation.................................... 19
 
Circuit Board Layout Recommendations ................................... 20
 
Typical Application Circuits ......................................................... 22
 
Outline Dimensions ....................................................................... 23
 
Ordering Guide .......................................................................... 23
 
REVISION HISTORY
8/15—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com