Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2389ACPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP2389ACPZ-R7
Description  18 V, 12 A Step-Down Regulator with Programmable Current Limit
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2389ACPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP2389ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP2389ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP2389ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP2389ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP2389ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP2389ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP2389ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP2389ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP2389ACPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
ADP2389/ADP2390
Data Sheet
Figure 17. MOSFET RDSON vs. Temperature
Figure 18. EA Transconductance vs. Temperature
Figure 19. PFM Mode Waveform (ADP2390)
Figure 20. Peak Current-Limit Threshold vs. Temperature
Figure 21. Continuous Conduction Mode (CCM) Waveform
Figure 22. Soft Start with Full Load
30
0
5
15
20
25
10
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
HIGH-SIDE RDSON
LOW-SIDE RDSON
520
470
480
500
510
490
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
1
2
4
T
CH1 50.0mV BW CH2 10.0V
CH4 2.00A Ω BW
M 100µs A CH1
–2.00mV
T 50.20%
VOUT (AC)
IL
SW
18.0
15.0
15.5
16.5
17.0
17.5
16.0
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
RILIM = 59kΩ
1
2
4
T
CH1 10.0mV BW CH2 10.0V
CH4 5.00A Ω
M 2.00µs A CH2
5.40V
T 50.20%
IL
VOUT (AC)
SW
CH1 1.00V BW
CH2 10.0V
BW
CH3 5.00V BW
CH4 10.0A Ω BW
M1.00ms A CH1
1.08V
T 50.00%
1
2
4
3
T
VOUT
EN
IOUT
PGOOD
Rev. 0 | Page 10 of 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com