Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2389ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP2389ACPZ-R7
Description  18 V, 12 A Step-Down Regulator with Programmable Current Limit
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2389ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP2389ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP2389ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP2389ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP2389ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP2389ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP2389ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP2389ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP2389ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP2389ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Data Sheet
ADP2389/ADP2390
Figure 23. Precharged Output
Figure 24. Load Transient Response with Fast Transient Enable,
IOUT = 2.4 A to 9.6 A
Figure 25. Output Short Entry
Figure 26. Load Transient Response, IOUT = 2.4 A to 9.6 A
Figure 27. Line Transient Response, VPVIN from 8 V to 14 V, IOUT = 12 A
Figure 28. Output Short Recovery
CH1 1.00V BW CH2 10.0V
BW
CH3 5.00V BW CH4 5.00A Ω BW
M1.00ms A CH3
2.90V
T 50.40%
1
2
4
3
T
VOUT
EN
IL
PGOOD
CH1 50.0mV
BW
CH4 5.00A Ω BW
M 200µs A CH4
6.00A
T 20.00%
1
4
T
VOUT (AC)
IOUT
CH1 1.00V BW CH2 10.0V BW
CH4 10.0A Ω BW
M1.00ms A CH1
1.08V
T 20.20%
1
2
4
T
VOUT
SW
IL
CH1 50.0mV
BW
CH4 5.00A Ω BW
M 200µs A CH4
4.90A
T 20.00%
1
4
T
VOUT (AC)
IOUT
CH1 10.0mV BW CH2 10.0V BW
CH3 5.00V
BW
M1.00ms A CH3
11.0V
T 20.40%
1
2
3
T
VOUT (AC)
SW
PVIN
CH1 1.00V
BW CH2 10.0V BW
CH4 10.0A Ω BW
M10.0ms A CH1
1.06V
T 80.20%
1
2
4
T
VOUT
SW
IL
Rev. 0 | Page 11 of 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com