Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2389ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP2389ACPZ-R7
Description  18 V, 12 A Step-Down Regulator with Programmable Current Limit
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2389ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP2389ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP2389ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP2389ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP2389ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP2389ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP2389ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP2389ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP2389ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP2389ACPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
ADP2389/ADP2390
Data Sheet
APPLICATIONS INFORMATION
INPUT CAPACITOR SELECTION
The input decoupling capacitor attenuates high frequency noise
on the input. This capacitor must be a ceramic type in the range
of 10 µF to 47 µF. Place the capacitor close to the PVIN pin. Keep
the loop composed by this input capacitor, high-side MOSFET
and low-side MOSFET as small as possible.
The voltage rating of the input capacitor must be greater than
the maximum input voltage. The rms current rating of the input
capacitor must be larger than the value calculated from the
following equation:
(
)
D
D
I
I
OUT
RMS
CIN
–
1
_
×
×
=
where:
IOUT is the output current.
D is the duty cycle.
OUTPUT VOLTAGE SETTING
An external resistor divider sets the output voltages of the
ADP2389/ADP2390. Calculate the resistor values using the
following equation:


+
×
=
BOT
TOP
OUT
R
R
V
1
6
.
0
where :
RTOP is the top feedback resistor.
RBOT is the bottom feedback resistor.
To limit output voltage accuracy degradation due to FB bias
current (0.1 µA maximum) to less than 0.5% (maximum),
ensure that RBOT is less than 30 kΩ.
Table 5 gives the recommended resistor divider for various
output voltages.
Table 5. Resistor Divider for Difference Output Voltage
VOUT (V)
RTOP, ±1% (kΩ)
RBOT, ±1% (kΩ)
1.0
10
15
1.2
10
10
1.5
15
10
1.8
20
10
2.5
47.5
15
3.3
10
2.21
5.0
22
3
INDUCTOR SELECTION
The inductor value is determined by the operating frequency,
the input voltage, output voltage, and inductor ripple current.
Using a small inductor leads to a faster transient response; however,
it degrades efficiency due to its larger inductor ripple current.
Using a large inductor value leads to smaller ripple current and
better efficiency but results in a slower transient response.
As a guideline, the inductor ripple current, ΔIL, is typically set
to one third of the maximum load current. Calculate the inductor
value using the following equation:
SW
L
OUT
IN
f
I
D
V
V
L
×
∆
×
=
)
–
(
where:
VIN is the input voltage.
VOUT is the output voltage.
D is the duty cycle.
ΔIL is the inductor ripple current.
fSW is the switching frequency.
IN
OUT
V
V
D =
The peak inductor current (IPEAK) is calculated using
2
L
OUT
PEAK
I
I
I
∆
+
=
The saturation current of the inductor must be greater than the
peak inductor current. For the ferrite core inductors with a quick
saturation characteristic, the saturation current rating (ISAT) of the
inductor must be greater than the current-limit threshold of the
switch to prevent the inductor from being saturated.
Calculate the rms current of the inductor (IRMS) from the
following equation:
12
2
2
L
OUT
RMS
I
I
I
∆
+
=
Shielded ferrite core materials are recommended for low core
loss and low electromagnetic interference (EMI). Table 6 lists
recommended inductors.
Table 6. Recommended Inductors
Vendor
Device No.
Value
(µH)
ISAT
(A)
IRMS
(A)
DCR
(mΩ)
CoilCraft
XAL7030-102ME
1
21.8
16.1
4.55
XAL7030-152ME
1.5
11.9
23.5
7.6
XAL7030-222ME
2.2
10
18
13.7
Toko
FDUE1040D-H-R22M
0.22
32
32
0.64
FDUE1040D-H-R45M
0.45
27
24
1.02
FDU1040D-H-R68M
0.68
21
20
1.7
FDUE1040D-H-1R0M
1.0
18
16
2.35
FDA1254-H-1R2M
1.2
20.2
18.4
2.6
Würth
Elektronik
744 333 0022
0.22
60
21.5
0.6
744 333 0047
0.47
47
20
0.8
744 333 0068
0.68
38
20
1.35
744 333 0082
0.82
36
20
1.35
744 332 0100
1.0
27.5
20
1.35
744 325 120
1.2
25
20
1.8
744 333 0150
1.5
27
18
2.5
744 333 0220
2.2
22
16
3.7
Rev. 0 | Page 14 of 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com