Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2389ACPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP2389ACPZ-R7
Description  18 V, 12 A Step-Down Regulator with Programmable Current Limit
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2389ACPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADP2389ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADP2389ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADP2389ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP2389ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP2389ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP2389ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP2389ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP2389ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP2389ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Data Sheet
ADP2389/ADP2390
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Units
PGOOD
FB Threshold
Rising
106
110
114
%
Falling
86
90
94
%
FB Hysteresis
Rising
5
%
Falling
5
%
Power-Good Deglitch Time
PGOOD from low to high
16
Cycles
PGOOD from high to low
16
Cycles
PGOOD Leakage Current
VPGOOD = 5 V
0.01
0.1
µA
PGOOD Output Low Voltage
IPGOOD = 1 mA
150
260
mV
EN
EN Rising Threshold
1.2
1.28
V
EN Falling Threshold
1.02
1.1
V
EN Source Current
EN voltage < 1.1 V
6.1
µA
EN voltage > 1.2 V
1.3
µA
THERMAL
Thermal Shutdown Threshold
150
°C
Thermal Shutdown Hysteresis
25
°C
1
Pin-to-pin measurement.
2
Guaranteed by design.
Rev. 0 | Page 5 of 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com