Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2389ACPZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP2389ACPZ-R7
Description  18 V, 12 A Step-Down Regulator with Programmable Current Limit
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2389ACPZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP2389ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP2389ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP2389ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP2389ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP2389ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP2389ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP2389ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP2389ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP2389ACPZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
ADP2389/ADP2390
Data Sheet
The ADP2389/ADP2390 use a transconductance amplifier for the
error amplifier and to compensate the system. Figure 31 shows
the simplified, peak current mode control, small signal circuit.
Figure 31. Simplified Peak Current Mode Control, Small Signal Circuit
The compensation components, RC and CC, contribute a zero
and the optional CCP and RC contribute an optional pole.
The closed-loop transfer equation is as follows:
)
(
1
1
–
)
(
s
G
s
C
C
C
C
R
s
s
C
R
C
C
g
R
R
R
s
T
VD
P
C
CP
C
C
C
C
CP
C
m
TOP
BOT
BOT
V
×


×
+
×
×
+
×
×
×
+
×
+
×
+
=
The following design guideline shows how to select the
compensation components RC, CC, and CCP for ceramic output
capacitor applications.
1. Determine the cross frequency, fC. Generally, fC is between
fSW/12 and fSW/6.
2. Calculate RC using the following equation:
VI
m
C
OUT
OUT
C
A
g
f
C
V
R
×
×
×
×
×
×
=
V
6
.
0
2 π
3. Place the compensation zero at the domain pole, fP, and
determine CC by
()
ESR
OUT
C
C
R R
C
C
R
+×
=
4. CCP is optional. Use CCP to cancel the zero caused by the
ESR of the output capacitor.
ESR
OUT
CP
C
RC
C
R
×
=
RESR
R
+
–
RC
CCP
COUT
CC
RTOP
RBOT
AVI
VOUT
VCOMP
VOUT
gm
–
+
Rev. 0 | Page 16 of 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com