Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2389ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP2389ACPZ-R7
Description  18 V, 12 A Step-Down Regulator with Programmable Current Limit
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2389ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP2389ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADP2389ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADP2389ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP2389ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP2389ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP2389ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP2389ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP2389ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP2389ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
18 V, 12 A Step-Down Regulator with
Programmable Current Limit
Data Sheet
ADP2389/ADP2390
FEATURES
Input voltage: 4.5 V to 18 V
Continuous output current: 12 A
Integrated MOSFETs: 17 mΩ high-side/4.5 mΩ low-side
0.6 V ± 0.5% reference voltage
Programmable switching frequency range: 200 kHz to 2200 kHz
Enhanced transient response
Programmable current limit with ±10% accuracy
Precision enable and power good
External compensation and soft start
PFM mode (ADP2390 only)
Start up into a precharged output
Supported by the ADIsimPower design tool
APPLICATIONS
Communication infrastructure
Networking and servers
Industrial and instrumentation
Healthcare and medical
Intermediate power rail conversions
DC-to-DC point of load applications
TYPICAL APPLICATIONS CIRCUIT
Figure 1.
GENERAL DESCRIPTION
The ADP2389/ADP2390 are current mode control, synchronous
step-down, dc-to-dc regulators. They integrate a 17 mΩ high-side
power MOSFET and a 4.5 mΩ synchronous rectifier MOSFET to
provide a high efficiency solution. The ADP2390 operates in pulse
frequency modulation (PFM) mode to improve the system
efficiency at light load. The ADP2389/ADP2390 run from an
input voltage of 4.5 V to 18 V and can deliver up to 12 A of output
current. The output voltage can be adjusted to 0.6 V and the
switching frequency can be programmed between 200 kHz to
2200 kHz.
The ADP2389/ADP2390 target high performance applications
that require high efficiency and design flexibility. External
compensation and soft start provide design flexibility. The power-
good output and precision enable input provide simple and reliable
power sequencing. An enhanced transient response feature
improves the load transient performance, which reduces the
output capacitance. Programmable current limit allows the user
to optimized the inductor design and provide a compact solution.
Other key features include undervoltage lockout (UVLO),
overvoltage protection (OVP), overcurrent protection (OCP),
and thermal shutdown (TSD).
The ADP2389/ADP2390 operates over a −40°C to +125°C
junction temperature range and is available in 32-lead, 5 mm ×
5 mm LFCSP package.
Figure 2. ADP2389 Efficiency vs. Output Current, VIN = 12 V, fSW = 300 kHz
BST
FB
COMP
PGOOD
GND
VREG
RT
ILIM
FTW
SS
L
CVREG
RT
RILIM
RFTW
SW
PGND
EN
PVIN
VIN
CIN
VIN
CBST
COUT
VOUT
RTOP
RBOT
CC
RC
CSS
ADP2389/
ADP2390
100
60
65
70
75
80
85
90
95
0
1
2
3
4
5
6
7
8
9
10
11
12
OUTPUT CURRENT (A)
VOUT = 1.2V
VOUT = 1.8V
VOUT = 3.3V
VOUT = 5.0V
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com


Similar Part No. - ADP2389ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2380 AD-ADP2380 Datasheet
931Kb / 28P
20 V, 4 A Synchronous Step-Down Regulator with Low-Side Driver
REV. 0
ADP2380-EVALZ AD-ADP2380-EVALZ Datasheet
931Kb / 28P
20 V, 4 A Synchronous Step-Down Regulator with Low-Side Driver
REV. 0
ADP2380AREZ AD-ADP2380AREZ Datasheet
931Kb / 28P
20 V, 4 A Synchronous Step-Down Regulator with Low-Side Driver
REV. 0
ADP2380AREZ-R7 AD-ADP2380AREZ-R7 Datasheet
931Kb / 28P
20 V, 4 A Synchronous Step-Down Regulator with Low-Side Driver
REV. 0
ADP2381 AD-ADP2381 Datasheet
843Kb / 28P
20 V, 6 A Synchronous Step-Down
REV. 0
More results

Similar Description - ADP2389ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53315 TI-TPS53315 Datasheet
771Kb / 30P
12-A Step-Down Regulator with Integrated Switcher
TPS53315RGFT TI1-TPS53315RGFT Datasheet
1Mb / 30P
12-A Step-Down Regulator with Integrated Switcher
logo
Monolithic Power System...
MP2115 MPS-MP2115 Datasheet
461Kb / 11P
2A Synchronous Step-Down Converter with Programmable Input Current Limit
MP2490 MPS-MP2490 Datasheet
338Kb / 13P
1.5A, 36V, 700KHz Step-Down Converter with Programmable Output Current Limit
MP2492 MPS-MP2492 Datasheet
588Kb / 11P
2A, 55V, 100kHz Step-Down Converter with Programmable Output Current Limit
logo
Linear Technology
LT3663 LINER-LT3663_15 Datasheet
352Kb / 16P
1.2A Step-Down Switching Regulator with Output Current Limit
logo
Texas Instruments
LM2673 TI1-LM2673 Datasheet
2Mb / 37P
LM2673 SIMPLE SWITCHER짰 3-A Step-Down Voltage Regulator With Adjustable Current Limit
LM2679 TI1-LM2679 Datasheet
2Mb / 37P
LM2679 SIMPLE SWITCHER짰 5-A Step-Down Voltage Regulator With Adjustable Current Limit
logo
Monolithic Power System...
MPQ8633A MPS-MPQ8633A Datasheet
1Mb / 23P
16 V, 12 A, Synchronous Step-Down Converter with Adjustable Current Limit, Programmable Frequency, and Voltage Tracking
MP2110 MPS-MP2110 Datasheet
619Kb / 15P
3A Synchronous Step-Down Converter with Programmable Input Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com