Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1126 Datasheet(PDF) 30 Page - Microchip Technology

Part # CAP1126
Description  6 Channel Capacitive Touch Sensor with 2 LED Drivers
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1126 Datasheet(HTML) 30 Page - Microchip Technology

Back Button CAP1126 Datasheet HTML 26Page - Microchip Technology CAP1126 Datasheet HTML 27Page - Microchip Technology CAP1126 Datasheet HTML 28Page - Microchip Technology CAP1126 Datasheet HTML 29Page - Microchip Technology CAP1126 Datasheet HTML 30Page - Microchip Technology CAP1126 Datasheet HTML 31Page - Microchip Technology CAP1126 Datasheet HTML 32Page - Microchip Technology CAP1126 Datasheet HTML 33Page - Microchip Technology CAP1126 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 73 page
background image
CAP1126
DS00001623B-page 30
 2015 Microchip Technology Inc.
LED Controls
71h
R/W
LED Output Type
Controls the output type for the LED
outputs
00h
Page 48
72h
R/W
Sensor Input LED Link-
ing
Controls linking of sensor inputs to
LED channels
00h
Page 48
73h
R/W
LED Polarity
Controls the output polarity of LEDs
00h
Page 49
74h
R/W
LED Output Control
Controls the output state of the LEDs
00h
Page 50
77h
R/W
Linked LED
Transition Control
Controls the transition when LEDs are
linked to CS channels
00h
Page 51
79h
R/W
LED Mirror Control
Controls the mirroring of duty cycles
for the LEDs
00h
Page 51
81h
R/W
LED Behavior 1
Controls the behavior and response of
LEDs 1 - 2
00h
Page 51
84h
R/W
LED Pulse 1 Period
Controls the period of each breathe
during a pulse
20h
Page 53
85h
R/W
LED Pulse 2 Period
Controls the period of the breathing
during breathe and pulse operation
14h
Page 55
86h
R/W
LED Breathe Period
Controls the period of an LED breathe
operation
5Dh
Page 56
88h
R/W
LED Config
Controls LED configuration
04h
Page 56
90h
R/W
LED Pulse 1 Duty Cycle
Determines the min and max duty
cycle for the pulse operation
F0h
Page 57
91h
R/W
LED Pulse 2 Duty Cycle
Determines the min and max duty
cycle for breathe and pulse operation
F0h
Page 57
92h
R/W
LED Breathe Duty Cycle
Determines the min and max duty
cycle for the breathe operation
F0h
Page 57
93h
R/W
LED Direct Duty Cycle
Determines the min and max duty
cycle for Direct mode LED operation
F0h
Page 57
94h
R/W
LED Direct Ramp Rates
Determines the rising and falling edge
ramp rates of the LEDs
00h
Page 58
95h
R/W
LED Off Delay
Determines the off delay for all LED
behaviors
00h
Page 58
B1h
R
Sensor Input 1 Calibra-
tion
Stores the upper 8-bit calibration value
for sensor input 1
00h
Page 61
B2h
R
Sensor Input 2 Calibra-
tion
Stores the upper 8-bit calibration value
for sensor input 2
00h
Page 61
B3h
R
Sensor Input 3 Calibra-
tion
Stores the upper 8-bit calibration value
for sensor input 3
00h
Page 61
B4h
R
Sensor Input 4 Calibra-
tion
Stores the upper 8-bit calibration value
for sensor input 4
00h
Page 61
B5h
R
Sensor Input 5 Calibra-
tion
Stores the upper 8-bit calibration value
for sensor input 5
00h
Page 61
B6h
R
Sensor Input 6 Calibra-
tion
Stores the upper 8-bit calibration value
for sensor input 6
00h
Page 61
B9h
R
Sensor Input Calibra-
tion LSB 1
Stores the 2 LSBs of the calibration
value for sensor inputs 1 - 4
00h
Page 61
BAh
R
Sensor Input Calibra-
tion LSB 2
Stores the 2 LSBs of the calibration
value for sensor inputs 5 - 6
00h
Page 61
TABLE 6-1:
REGISTER SET IN HEXADECIMAL ORDER (CONTINUED)
Register
Address
R/W
Register Name
Function
Default Value
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com