Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1126 Datasheet(PDF) 48 Page - Microchip Technology

Part # CAP1126
Description  6 Channel Capacitive Touch Sensor with 2 LED Drivers
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1126 Datasheet(HTML) 48 Page - Microchip Technology

Back Button CAP1126 Datasheet HTML 44Page - Microchip Technology CAP1126 Datasheet HTML 45Page - Microchip Technology CAP1126 Datasheet HTML 46Page - Microchip Technology CAP1126 Datasheet HTML 47Page - Microchip Technology CAP1126 Datasheet HTML 48Page - Microchip Technology CAP1126 Datasheet HTML 49Page - Microchip Technology CAP1126 Datasheet HTML 50Page - Microchip Technology CAP1126 Datasheet HTML 51Page - Microchip Technology CAP1126 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 73 page
background image
CAP1126
DS00001623B-page 48
 2015 Microchip Technology Inc.
The Sensor Input Base Count registers store the calibrated “Not Touched” input value from the capacitive touch sensor
inputs. These registers are periodically updated by the re-calibration routine.
The routine uses an internal adder to add the current count value for each reading to the sum of the previous readings
until sample size has been reached. At this point, the upper 16 bits are taken and used as the Sensor Input Base Count.
The internal adder is then reset and the re-calibration routine continues.
The data presented is determined by the BASE_SHIFT[3:0] bits (see Section 6.5).
6.25
LED Output Type Register
The LED Output Type register controls the type of output for the LED pins. Each pin is controlled by a single bit. Refer
to application note 21.4 CAP1126Family LED Configuration Options for more information about implementing LEDs.
Bit 1 - LED2_OT - Determines the output type of the LED2 pin.
• ‘0’ (default) - The LED2 pin is an open-drain output with an external pull-up resistor. When the appropriate pin is
set to the “active” state (logic ‘1’), the pin will be driven low. Conversely, when the pin is set to the “inactive” state
(logic ‘0’), then the pin will be left in a High Z state and pulled high via an external pull-up resistor.
• ‘1’ - The LED2 pin is a push-pull output. When driving a logic ‘1’, the pin is driven high. When driving a logic ‘0’, the
pin is driven low.
Bit 0 - LED1_OT - Determines the output type of the LED1 pin.
6.26
Sensor Input LED Linking Register
The Sensor Input LED Linking register controls whether a capacitive touch sensor input is linked to an LED output. If
the corresponding bit is set, then the appropriate LED output will change states defined by the LED Behavior controls
(see Section 6.31) in response to the capacitive touch sensor input.
Bit 1 - CS2_LED2 - Links the LED2 output to a detected touch on the CS2 sensor input. When a touch is detected, the
LED is actuated and will behave as determined by the LED Behavior controls.
• ‘0’ (default) - The LED 2 output is not associated with the CS2 input. If a touch is detected on the CS2 input, the
LED will not automatically be actuated. The LED is enabled and controlled via the LED Output Control register
(see Section 6.28) and the LED Behavior registers (see Section 6.31).
51h
R
Sensor Input 2
Base Count
128
64
32
16
8
4
2
1
C8h
52h
R
Sensor Input 3
Base Count
128
64
32
16
8
4
2
1
C8h
53h
R
Sensor Input 4
Base Count
128
64
32
16
8
4
2
1
C8h
54h
R
Sensor Input 5
Base Count
128
64
32
16
8
4
2
1
C8h
55h
R
Sensor Input 6
Base Count
128
64
32
16
8
4
2
1
C8h
TABLE 6-44:
LED OUTPUT TYPE REGISTER
ADDR
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
71h
R/W
LED Output
Type
--
-
-
-
-
LED2_
OT
LED1_
OT
00h
TABLE 6-45:
SENSOR INPUT LED LINKING REGISTER
ADDR
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
72h
R/W
Sensor Input
LED Linking
---
-
-
-
CS2_
LED2
CS1_
LED1
00h
TABLE 6-43:
SENSOR INPUT BASE COUNT REGISTERS (CONTINUED)
ADDR
R/W
Register
B7
B6
B5B4
B3B2
B1B0
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com