Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1126 Datasheet(PDF) 6 Page - Microchip Technology

Part # CAP1126
Description  6 Channel Capacitive Touch Sensor with 2 LED Drivers
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1126 Datasheet(HTML) 6 Page - Microchip Technology

Back Button CAP1126 Datasheet HTML 2Page - Microchip Technology CAP1126 Datasheet HTML 3Page - Microchip Technology CAP1126 Datasheet HTML 4Page - Microchip Technology CAP1126 Datasheet HTML 5Page - Microchip Technology CAP1126 Datasheet HTML 6Page - Microchip Technology CAP1126 Datasheet HTML 7Page - Microchip Technology CAP1126 Datasheet HTML 8Page - Microchip Technology CAP1126 Datasheet HTML 9Page - Microchip Technology CAP1126 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 73 page
background image
CAP1126
DS00001623B-page 6
 2015 Microchip Technology Inc.
3
SMDATA /
SPI_MSIO /
SPI_MISO
SMDATA - Bi-directional, open-drain SMBus data -
requires pull-up resistor
DIOD (5V)
n/a
SPI_MSIO - SPI Master-Slave-In-Out bidirectional port
when used in bi-directional mode
DIO
SPI_MISO - SPI Master-In-Slave-Out port when used in
normal mode
DO
4
SMCLK / SPI_-
CLK
SMCLK - SMBus clock input - requires pull-up resistor
DI (5V)
n/a
SPI_CLK - SPI clock input
DI (5V)
5LED1
Open drain LED 1 driver (default)
OD (5V)
Connect to
Ground
Push-pull LED 1 driver
DO
leave open or
connect to
Ground
6LED2
Open drain LED 2 driver (default)
OD (5V)
Connect to
Ground
Push-pull LED 2 driver
DO
leave open or
connect to
Ground
7
RESET
Active high soft reset for system - resets all registers to
default values. If not used, connect to ground.
DI (5V)
Connect to
Ground
8ALERT#
ALERT# - Active low alert / interrupt output for SMBus
alert or SPI interrupt
OD (5V)
Connect to
Ground
ALERT# - Active high push-pull alert / interrupt output for
SMBus alert or SPI interrupt
DO
leave open
9
ADDR_COMM
Address / communications select pin - pull-down resistor
determines address / communications mechanism
AI
n/a
10
CS6
Capacitive Touch Sensor Input 6
AIO
Connect to
Ground
11
CS5
Capacitive Touch Sensor Input 5
AIO
Connect to
Ground
12
CS4
Capacitive Touch Sensor Input 4
AIO
Connect to
Ground
13
CS3
Capacitive Touch Sensor Input 3
AIO
Connect to
Ground
14
CS2
Capacitive Touch Sensor Input 2
AIO
Connect to
Ground
15
CS1
Capacitive Touch Sensor Input 1
AIO
Connect to
Ground
16
VDD
Positive Power supply
Power
n/a
TABLE 2-1:
PIN DESCRIPTION FOR CAP1126 (CONTINUED)
Pin
Number
Pin Name
Pin Function
Pin Type
Unused
Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com