Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1126 Datasheet(PDF) 71 Page - Microchip Technology

Part # CAP1126
Description  6 Channel Capacitive Touch Sensor with 2 LED Drivers
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1126 Datasheet(HTML) 71 Page - Microchip Technology

Back Button CAP1126 Datasheet HTML 65Page - Microchip Technology CAP1126 Datasheet HTML 66Page - Microchip Technology CAP1126 Datasheet HTML 67Page - Microchip Technology CAP1126 Datasheet HTML 68Page - Microchip Technology CAP1126 Datasheet HTML 69Page - Microchip Technology CAP1126 Datasheet HTML 70Page - Microchip Technology CAP1126 Datasheet HTML 71Page - Microchip Technology CAP1126 Datasheet HTML 72Page - Microchip Technology CAP1126 Datasheet HTML 73Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 71 / 73 page
background image
 2015 Microchip Technology Inc.
DS00001623B-page 71
CAP1126
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
PART NO.
[X]
-
1
-
XXX
-
[X](1)
l
l
l
l
Device
Temperature
Package
Tape and Reel
Range
Option
Example:
Note 1:
Tape and Reel identifier only appears in the catalog part number description. This identifier is used for ordering
purposes and is not printed on the device package. Check with your Microchip Sales Office for package availability
with the Tape and Reel option.
Device:
CAP1126
Temperature
Range:
Blank
=
0
°C to +85°C
(Extended Commercial)
Package:
AP = QFN
Tape and
Reel Option:
TR
= Tape and Reel(1)
CAP1126-1-AP-TR
16-pin QFN 4mm x 4mm (RoHS compliant)
Six capacitive touch sensor inputs, Two
LED drivers, Dedicated Wake, Reset,
SMBus / BC-Link / SPI interfaces
Reel size is 4,000 pieces



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com