Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1126 Datasheet(PDF) 17 Page - Microchip Technology

Part # CAP1126
Description  6 Channel Capacitive Touch Sensor with 2 LED Drivers
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1126 Datasheet(HTML) 17 Page - Microchip Technology

Back Button CAP1126 Datasheet HTML 13Page - Microchip Technology CAP1126 Datasheet HTML 14Page - Microchip Technology CAP1126 Datasheet HTML 15Page - Microchip Technology CAP1126 Datasheet HTML 16Page - Microchip Technology CAP1126 Datasheet HTML 17Page - Microchip Technology CAP1126 Datasheet HTML 18Page - Microchip Technology CAP1126 Datasheet HTML 19Page - Microchip Technology CAP1126 Datasheet HTML 20Page - Microchip Technology CAP1126 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 73 page
background image
 2015 Microchip Technology Inc.
DS00001623B-page 17
CAP1126
4.6.2
SET ADDRESS POINTER
The Set Address Pointer command sets the Address pointer for subsequent reads and writes of data. The pointer is set
on the rising edge of the final data bit. At the same time, the data that is to be read is fetched and loaded into the internal
output buffer but is not transmitted.
4.6.3
WRITE DATA
The Write Data protocol updates the contents of the register referenced by the address pointer. As the command is pro-
cessed, the data to be read is fetched and loaded into the internal output buffer but not transmitted. Then, the register
is updated with the data to be written. Finally, the address pointer is incremented.
FIGURE 4-4:
SPI Reset Interface Command - Normal Mode
FIGURE 4-5:
SPI Set Address Pointer Command - Normal Mode
Master SPDOUT
SPI_MOSI
SPI_CS#
SPI_CLK
Reset - 7Ah
Reset - 7Ah
Invalid register data
00h – Internal Data buffer empty
SPI_MISO
Master Drives
Slave Drives
‘0’
‘1’
‘1’
‘1’
‘1’
‘0’
‘1’
‘0’
‘0’
‘1’
‘1’
‘1’
‘1’
‘0’
‘1’
‘0’
Master SPDOUT
SPI_MOSI
Register Address
SPI_CS#
SPI_CLK
Set Address Pointer – 7Dh
Unknown, Invalid Data
Unknown, Invalid Data
SPI_MISO
Master Drives
Slave Drives
Address pointer set
‘0’
‘0’
‘1’
‘1’
‘1’
‘1’
‘1’
‘1’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com