Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1126 Datasheet(PDF) 53 Page - Microchip Technology

Part # CAP1126
Description  6 Channel Capacitive Touch Sensor with 2 LED Drivers
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1126 Datasheet(HTML) 53 Page - Microchip Technology

Back Button CAP1126 Datasheet HTML 49Page - Microchip Technology CAP1126 Datasheet HTML 50Page - Microchip Technology CAP1126 Datasheet HTML 51Page - Microchip Technology CAP1126 Datasheet HTML 52Page - Microchip Technology CAP1126 Datasheet HTML 53Page - Microchip Technology CAP1126 Datasheet HTML 54Page - Microchip Technology CAP1126 Datasheet HTML 55Page - Microchip Technology CAP1126 Datasheet HTML 56Page - Microchip Technology CAP1126 Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 73 page
background image
 2015 Microchip Technology Inc.
DS00001623B-page 53
CAP1126
APPLICATION NOTE: The PWM frequency is determined based on the selected LED behavior, the programmed
breathe period, and the programmed min and max duty cycles. For the Direct behavior
mode, the PWM frequency is calculated based on the programmed Rise and Fall times. If
these are set at 0, then the maximum PWM frequency will be used based on the
programmed duty cycle settings.
6.32
LED Pulse 1 Period Register
The LED Pulse Period 1 register determines the overall period of a pulse operation as determined by the LED_CTL
registers (see Table 6-52 - setting 01b). The LSB represents 32ms so that a setting of 18h (24d) would represent a
period of 768ms (24 x 32ms = 768ms). The total range is from 32ms to 4.064 seconds as shown in Table 6-54 with the
default being 1024ms.
APPLICATION NOTE: Due to constraints on the LED Drive PWM operation, any Breathe Period less than 160ms
(05h) may not be achievable. The device will breathe at the minimum period possible as
determined by the period and min / max duty cycle settings.
Bit 7 - ST_TRIG - Determines the start trigger for the LED Pulse behavior.
• ‘0’ (default) - The LED will Pulse when a touch is detected or the drive bit is set.
• ‘1’ - The LED will Pulse when a release is detected or the drive bit is cleared.
TABLE 6-52:
LEDX_CTL BIT DECODE
LEDx_CTL
[1:0]
Operation
Description
Start TRigger
Stop Trigger
10
0
0
Direct
The LED is driven to the programmed state
(active or inactive). See Figure 6-7
Touch Detected or
LED Output Con-
trol bit set
Release
Detected or
LED Output
Control bit
cleared
01
Pulse 1
The LED will “Pulse” a programmed number
of times. During each “Pulse” the LED will
breathe up to the maximum brightness and
back down to the minimum brightness so that
the total “Pulse” period matches the pro-
grammed value.
Touch or Release
Detected or LED
Output Control bit
set or cleared
(see Section 6.32)
n/a
1
0
Pulse 2
The LED will “Pulse” when the start trigger is
detected. When the stop trigger is detected, it
will “Pulse” a programmable number of times
then return to its minimum brightness.
Touch Detected or
LED Output Con-
trol bit set
Release
Detected or
LED Output
Control bit
cleared
1
1
Breathe
The LED will breathe. It will be driven with a
duty cycle that ramps up from the pro-
grammed minimum duty cycle (default 0%) to
the programmed maximum duty cycle duty
cycle (default 100%) and then back down.
Each ramp takes up 50% of the programmed
period. The total period of each “breath” is
determined by the LED Breathe Period con-
trols - see Section 6.34.
Touch Detected or
LED Output Con-
trol bit set
Release
Detected or
LED Output
Control bit
cleared
TABLE 6-53:
LED PULSE 1 PERIOD REGISTER
ADDR
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
84h
R/W
LED Pulse 1
Period
ST_
TRIG
P1_
PER6
P1_
PER5
P1_
PER4
P1_
PER3
P1_
PER2
P1_
PER1
P1_
PER0
20h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com