Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1126 Datasheet(PDF) 18 Page - Microchip Technology

Part # CAP1126
Description  6 Channel Capacitive Touch Sensor with 2 LED Drivers
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1126 Datasheet(HTML) 18 Page - Microchip Technology

Back Button CAP1126 Datasheet HTML 14Page - Microchip Technology CAP1126 Datasheet HTML 15Page - Microchip Technology CAP1126 Datasheet HTML 16Page - Microchip Technology CAP1126 Datasheet HTML 17Page - Microchip Technology CAP1126 Datasheet HTML 18Page - Microchip Technology CAP1126 Datasheet HTML 19Page - Microchip Technology CAP1126 Datasheet HTML 20Page - Microchip Technology CAP1126 Datasheet HTML 21Page - Microchip Technology CAP1126 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 73 page
background image
CAP1126
DS00001623B-page 18
 2015 Microchip Technology Inc.
4.6.4
READ DATA
The Read Data protocol is used to read data from the device. During the normal mode of operation, while the device is
receiving data, the CAP1126 is simultaneously transmitting data to the host. For the Set Address commands and the
Write Data commands, this data may be invalid and it is recommended that the Read Data command is used.
FIGURE 4-6:
SPI Write Command - Normal Mode
FIGURE 4-7:
SPI Read Command - Normal Mode
Master SPDOUT
SPI_MOSI
Data to Write
SPI_CS#
SPI_CLK
Write Command – 7Eh
Unknown, Invalid Data
Old Data at Current Address Pointer
SPI_MISO
Master Drives
Slave Drives
1. Data written at current
address pointer
2. Address pointer incremented
Master SPDOUT
SPI_MOSI
Master Drives
Slave Drives
SPI_CLK
First Read Command – 7Fh
SPI_CS#
Invalid, Unknown Data *
SPI_MISO
‘0’
‘1’
‘1’
‘1’
‘1’
‘1’
‘1’
‘1’
Subsequent Read
Commands – 7F
Data at Current Address Pointer
Address Pointer
Incremented **
‘0’
‘1’
‘1’
‘1’
‘1’
‘1’
‘1’
‘1’
* The first read command after any other command will return invalid data for the first
byte. Subsequent read commands will return the data at the Current Address Pointer
** The Address Pointer is incremented 8 clocks after the Read Command has been
received. Therefore continually sending Read Commands will result in each command
reporting new data. Once Read Commands have been finished, the last data byte will be
read during the next 8 clocks for any command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com