Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1126 Datasheet(PDF) 19 Page - Microchip Technology

Part # CAP1126
Description  6 Channel Capacitive Touch Sensor with 2 LED Drivers
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1126 Datasheet(HTML) 19 Page - Microchip Technology

Back Button CAP1126 Datasheet HTML 15Page - Microchip Technology CAP1126 Datasheet HTML 16Page - Microchip Technology CAP1126 Datasheet HTML 17Page - Microchip Technology CAP1126 Datasheet HTML 18Page - Microchip Technology CAP1126 Datasheet HTML 19Page - Microchip Technology CAP1126 Datasheet HTML 20Page - Microchip Technology CAP1126 Datasheet HTML 21Page - Microchip Technology CAP1126 Datasheet HTML 22Page - Microchip Technology CAP1126 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 73 page
background image
 2015 Microchip Technology Inc.
DS00001623B-page 19
CAP1126
4.7
Bi-Directional SPI Protocols
4.7.1
RESET INTERFACE
Resets the Serial interface whenever two successive 7Ah codes are received. Regardless of the current phase of the
transaction - command or data, the receipt of the successive reset commands resets the Serial communication interface
only. All other functions are not affected by the reset operation.
4.7.2
SET ADDRESS POINTER
Sets the address pointer to the register to be accessed by a read or write command. This command overrides the auto-
incrementing of the address pointer.
FIGURE 4-8:
SPI Read Command - Normal Mode - Full
FIGURE 4-9:
SPI Reset Interface Command - Bi-directional Mode
Master SPDOUT
SPI_MOSI
Master Drives
Slave Drives
SPI_CLK
Read Command – 7Fh
SPI_CS#
Data at previously set register address = current
address pointer
SPI_MISO
‘0’
‘1’
‘1’
‘1’
‘1’
‘1’
‘1’
‘1’
Data at previously set register address = current
address pointer (SPI)
XXh
1. Register Read Address
updated to Current SPI Read
Address pointer
1. Register data loaded into
output buffer = data at current
address pointer
1. Output buffer transmitted =
data at previous address
pointer + 1 = current address
pointer
1. Register Read Address
incremented = current address
pointer + 1
1. SPI Read Address
Incremented = new current
address pointer
2. Register Read Address
Incremented = current address
pointer +1
Register Data loaded into
Output buffer = data at current
address pointer + 1
1. Output buffer transmitted =
data at current address pointer
+ 1
2. Flag set to increment SPI
Read Address at end of next 8
clocks
‘0’
‘1’
‘1’
‘1’
‘1’
‘1’
‘1’
‘1’
Data at previously set register address = current
address pointer (SPI)
1. Register data loaded into
output buffer = data at current
address pointer
1. Output buffer transmitted =
data at previous register
address pointer + 1 = current
address pointer
1. Output buffer transmitted =
data at current address pointer
+ 1
2. Flag set to increment SPI
Read Address at end of next 8
clocks
Subsequent Read Commands – 7Fh
1. Register Read Address
updated to Current SPI Read
Address pointer.
2. Register Read Address
incremented = current address
pointer +1 – end result =
register address pointer doesn’t
change
Master SPDOUT
SPI_MSIO
SPI_CS#
SPI_CLK
Reset - 7Ah
Reset - 7Ah
‘1’
‘1’
‘1’
‘1’
‘1’
‘0’
‘0’
‘0’
‘1’
‘1’
‘1’
‘1’
‘1’
‘0’
‘0’
‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com