Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2532 Datasheet(PDF) 24 Page - Microchip Technology

Part # USB2532
Description  USB 2.0 Hi-Speed 2-Port Hub Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2532 Datasheet(HTML) 24 Page - Microchip Technology

Back Button USB2532 Datasheet HTML 20Page - Microchip Technology USB2532 Datasheet HTML 21Page - Microchip Technology USB2532 Datasheet HTML 22Page - Microchip Technology USB2532 Datasheet HTML 23Page - Microchip Technology USB2532 Datasheet HTML 24Page - Microchip Technology USB2532 Datasheet HTML 25Page - Microchip Technology USB2532 Datasheet HTML 26Page - Microchip Technology USB2532 Datasheet HTML 27Page - Microchip Technology USB2532 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 50 page
background image
USB 2.0 Hi-Speed 2-Port Hub Controller
Datasheet
DS00001701A-page 24
 2014 Microchip Technology Inc.
5.1.6
Battery Charger Detection Stage (CHGDET)
After configuration, if enabled, the device enters the Battery Charger Detection Stage. If the battery
charger detection feature was disabled during the CONFIG stage,
the device will immediately
transition to the Hub Connect (Hub.Connect) stage. If the battery charger detection feature remains
enabled, the battery charger detection sequence is started automatically.
If the charger detection remains enabled, the device will transition to the Hub.Connect stage if using
the hardware detection mechanism.
5.1.7
Hub Connect Stage (Hub.Connect)
Once the CHGDET stage is completed, the device enters the Hub.Connect stage.
5.1.8
Normal Mode
Lastly the SOC enters the Normal Mode of operation. In this stage, full USB operation is supported
under control of the USB Host on the upstream port. The device will remain in the normal mode until
the operating mode is changed by the system.
If RESET_N is asserted low, then Standby Mode is entered. The device may then be placed into any
of the designated Hub stages. Asserting the soft disconnect on the upstream port will cause the Hub
to return to the Hub.Connect stage until the soft disconnect is negated.
To save power, communication over the SMBus is not supported while in USB Suspend. The system
can prevent the device from going to sleep by asserting the ClkSusp control bit of the Configure
Portable Hub Register anytime before entering USB Suspend. While the device is kept awake during
USB Suspend, it will provide the SMBus functionality at the expense of not meeting USB requirements
for average suspend current consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com