Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2532 Datasheet(PDF) 1 Page - Microchip Technology

Part # USB2532
Description  USB 2.0 Hi-Speed 2-Port Hub Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2532 Datasheet(HTML) 1 Page - Microchip Technology

  USB2532 Datasheet HTML 1Page - Microchip Technology USB2532 Datasheet HTML 2Page - Microchip Technology USB2532 Datasheet HTML 3Page - Microchip Technology USB2532 Datasheet HTML 4Page - Microchip Technology USB2532 Datasheet HTML 5Page - Microchip Technology USB2532 Datasheet HTML 6Page - Microchip Technology USB2532 Datasheet HTML 7Page - Microchip Technology USB2532 Datasheet HTML 8Page - Microchip Technology USB2532 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
 2014 Microchip Technology Inc.
DS00001701A-page 1
Datasheet
PRODUCT FEATURES
USB2532
USB 2.0 Hi-Speed 2-Port Hub Controller
Highlights
Hub Controller IC with 2 downstream ports
USB-IF Battery Charger revision 1.2 support on up &
downstream ports (DCP, CDP, SDP)
Battery charging support for Apple® devices
FlexConnect: Downstream port 1 able to swap with
upstream port, allowing master capable devices to
control other devices on the hub
USB to I2CTM bridge endpoint support
USB Link Power Management (LPM) support
SUSPEND pin for remote wakeup indication to host
Vendor Specific Messaging (VSM) support
Enhanced OEM configuration options available
through a single serial I2CTM EEPROM, OTP, or
SMBus Slave Port
36-pin (6x6mm) SQFN, RoHS compliant package
Footprint compatible with USB2512B
Target Applications
LCD monitors and TVs
Multi-function USB peripherals
PC mother boards
Set-top boxes, DVD players, DVR/PVR
Printers and scanners
PC media drive bay
Portable hub boxes
Mobile PC docking
Embedded systems
Additional Features
MultiTRAKTM
—
Dedicated Transaction Translator per port
PortMap
—
Configurable port mapping and disable sequencing
PortSwap
—
Configurable differential intra-pair signal swapping
PHYBoostTM
—
Programmable USB transceiver drive strength for
recovering signal integrity
VariSenseTM
—
Programmable USB receiver sensitivity
Low power operation
Full Power Management with individual or ganged
power control of each downstream port
Built-in Self-Powered or Bus-Powered internal default
settings provide flexibility in the quantity of USB
expansion ports utilized without redesign
Supports “Quad Page” configuration OTP flash
—
Four consecutive 200 byte configuration pages
Fully integrated USB termination and Pull-up/Pull-
down resistors
On-chip Power On Reset (POR)
Internal 3.3V and 1.2V voltage regulators
On Board 24MHz Crystal Driver, Resonator, or
External 24MHz clock input
Environmental
—
Commercial temperature range support (0ºC to 70ºC)
—
Industrial temperature range support (-40ºC to 85ºC)


Similar Part No. - USB2532

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2532 SMSC-USB2532 Datasheet
880Kb / 60P
USB 2.0 Hi-Speed 2-Port Hub Controller
USB2532-1080AEN SMSC-USB2532-1080AEN Datasheet
880Kb / 60P
USB 2.0 Hi-Speed 2-Port Hub Controller
USB2532-1080AEN-TR SMSC-USB2532-1080AEN-TR Datasheet
880Kb / 60P
USB 2.0 Hi-Speed 2-Port Hub Controller
USB2532I-1080AEN SMSC-USB2532I-1080AEN Datasheet
880Kb / 60P
USB 2.0 Hi-Speed 2-Port Hub Controller
USB2532I-1080AENTR SMSC-USB2532I-1080AENTR Datasheet
880Kb / 60P
USB 2.0 Hi-Speed 2-Port Hub Controller
More results

Similar Description - USB2532

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2422 SMSC-USB2422 Datasheet
771Kb / 51P
2-Port USB 2.0 Hi-Speed Hub Controller
USB2532 SMSC-USB2532 Datasheet
880Kb / 60P
USB 2.0 Hi-Speed 2-Port Hub Controller
USB2533 SMSC-USB2533 Datasheet
891Kb / 61P
USB 2.0 Hi-Speed 3-Port Hub Controller
USB2534 SMSC-USB2534 Datasheet
889Kb / 62P
USB 2.0 Hi-Speed 4-Port Hub Controller
USB2412-DZK SMSC-USB2412-DZK Datasheet
643Kb / 27P
2-Port USB 2.0 Hi-Speed Hub Controller
logo
Microchip Technology
USB2533 MICROCHIP-USB2533 Datasheet
537Kb / 50P
USB 2.0 Hi-Speed 3-Port Hub Controller
03/25/14
USB2534 MICROCHIP-USB2534 Datasheet
543Kb / 52P
USB 2.0 Hi-Speed 4-Port Hub Controller
03/25/14
USB3813 MICROCHIP-USB3813 Datasheet
522Kb / 57P
USB 2.0 Hi-Speed 3-Port Hub Controller
03/25/14
USB2422 MICROCHIP-USB2422 Datasheet
510Kb / 47P
2-Port USB 2.0 Hi-Speed Hub Controller
07/14/15
USB2517 MICROCHIP-USB2517 Datasheet
785Kb / 58P
USB 2.0 Hi-Speed 7-Port Hub Controller
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com