Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2532 Datasheet(PDF) 36 Page - Microchip Technology

Part # USB2532
Description  USB 2.0 Hi-Speed 2-Port Hub Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2532 Datasheet(HTML) 36 Page - Microchip Technology

Back Button USB2532 Datasheet HTML 32Page - Microchip Technology USB2532 Datasheet HTML 33Page - Microchip Technology USB2532 Datasheet HTML 34Page - Microchip Technology USB2532 Datasheet HTML 35Page - Microchip Technology USB2532 Datasheet HTML 36Page - Microchip Technology USB2532 Datasheet HTML 37Page - Microchip Technology USB2532 Datasheet HTML 38Page - Microchip Technology USB2532 Datasheet HTML 39Page - Microchip Technology USB2532 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 50 page
background image
USB 2.0 Hi-Speed 2-Port Hub Controller
Datasheet
DS00001701A-page 36
 2014 Microchip Technology Inc.
4. The external crystal oscillator is halted.
5. The PLL is halted.
Note: All power supplies must have reached the operating levels mandated in Section 9.2, "Operating
Conditions**," on page 40, prior to (or coincident with) the assertion of RESET_N.
8.3.3
USB Bus Reset
In response to the upstream port signaling a reset to the device, the device performs the following:
Note: The device does not propagate the upstream USB reset to downstream devices.
1. Sets default address to 0.
2. Sets configuration to: Unconfigured.
3. Moves device from suspended to active (if suspended).
4. Complies with Section 11.10 of the USB 2.0 Specification for behavior after completion of the
reset sequence.
The host then configures the device in accordance with the USB Specification.
8.4
Link Power Management (LPM)
The device supports the L0 (On), L1 (Sleep), and L2 (Suspend) link power management states per
the USB 2.0 Link Power Management Addendum. These supported LPM states offer low transitional
latencies in the tens of microseconds versus the much longer latencies of the traditional USB
suspend/resume in the tens of milliseconds. The supported LPM states are detailed in Table 8.3. For
additional information, refer to the USB 2.0 Link Power Management Addendum.
Note: State change timing is approximate and is measured by change in power consumption.
Note: System clocks are stopped only in suspend mode or when power is removed from the device.
8.5
Remote Wakeup Indicator (SUSP_IND)
The remote wakeup indicator feature uses the SUSP_IND as a side band signal to wake up the host
when in suspend. This feature is enabled and disabled via the HUB_RESUME_INHIBIT configuration
bit in the hub configuration space register CFG3. The only way to control the bit is by configuration
EEPROM, SMBus or internal ROM default setting. The state is only modified during a power on reset,
or hardware reset. No dynamic reconfiguring of this capability is possible.
Table 8.3 LPM State Definitions
STATE
DESCRIPTION
ENTRY/EXIT TIME TO L0
L2
Suspend
Entry: ~3 ms
Exit: ~2 ms
L1
Sleep
Entry: ~65 us
Exit: ~100 us
L0
Fully Enabled (On)
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com