Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2532 Datasheet(PDF) 16 Page - Microchip Technology

Part # USB2532
Description  USB 2.0 Hi-Speed 2-Port Hub Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2532 Datasheet(HTML) 16 Page - Microchip Technology

Back Button USB2532 Datasheet HTML 12Page - Microchip Technology USB2532 Datasheet HTML 13Page - Microchip Technology USB2532 Datasheet HTML 14Page - Microchip Technology USB2532 Datasheet HTML 15Page - Microchip Technology USB2532 Datasheet HTML 16Page - Microchip Technology USB2532 Datasheet HTML 17Page - Microchip Technology USB2532 Datasheet HTML 18Page - Microchip Technology USB2532 Datasheet HTML 19Page - Microchip Technology USB2532 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 50 page
background image
USB 2.0 Hi-Speed 2-Port Hub Controller
Datasheet
DS00001701A-page 16
 2014 Microchip Technology Inc.
1
Port 1 Power
Output
PRTPWR1
O8
Enables power to a downstream USB device
attached to Port 1.
0 = Power disabled on downstream Port 1
1 = Power enabled on downstream Port 1
Port 1 Control
PRTCTL1
OD8/IS
(PU)
When configured as PRTCTL1, this pin functions
as both the Port 1 power enable output
(PRTPWR1) and the Port 1 over-current sense
input (OCS1_N). Refer to the PRTPWR1 and
OCS1_N descriptions for additional information.
Port 1 Battery
Charging
Configuration
Strap
BC_EN1
IS
This strap is used to indicate support of the
battery charging protocol on Port 1. Enabling
battery charging support allows a device on the
port to draw currents per the USB battery
charging specification.
0 = Battery charging is not supported on Port 1
1 = Battery charging is supported on Port 1
See Note 3.4 for more information on
configuration straps.
1
Port 2 Power
Output
PRTPWR2
O8
Enables power to a downstream USB device
attached to Port 2.
0 = Power disabled on downstream Port 2
1 = Power enabled on downstream Port 2
Port 2 Control
PRTCTL2
OD8/IS
(PU)
When configured as PRTCTL2, this pin functions
as both the Port 2 power enable output
(PRTPWR2) and the Port 2 over-current sense
input (OCS2_N). Refer to the PRTPWR2 and
OCS2_N descriptions for additional information.
Port 2 Battery
Charging
Configuration
Strap
BC_EN2
IS
This strap is used to indicate support of the
battery charging protocol on Port 2. Enabling
battery charging support allows a device on the
port to draw currents per the USB battery
charging specification.
0 = Battery charging is not supported on Port 2
1 = Battery charging is supported on Port 2
See Note 3.4 for more information on
configuration straps.
8
No Connect
NC
-
These pins must be left floating for normal device
operation.
POWER
3
+3.3V Analog
Power Supply
VDDA33
P
+3.3V analog power supply. Refer to Chapter 4,
"Power Connections," on page 20 for power
connection information.
2
+3.3V Power
Supply
VDD33
P
+3.3V power supply. These pins must be
connected to VDDA33. Refer to Chapter 4,
"Power Connections," on page 20 for power
connection information.
Table 3.1 Pin Descriptions (continued)
NUM PINS
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com