Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2532 Datasheet(PDF) 48 Page - Microchip Technology

Part # USB2532
Description  USB 2.0 Hi-Speed 2-Port Hub Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2532 Datasheet(HTML) 48 Page - Microchip Technology

Back Button USB2532 Datasheet HTML 42Page - Microchip Technology USB2532 Datasheet HTML 43Page - Microchip Technology USB2532 Datasheet HTML 44Page - Microchip Technology USB2532 Datasheet HTML 45Page - Microchip Technology USB2532 Datasheet HTML 46Page - Microchip Technology USB2532 Datasheet HTML 47Page - Microchip Technology USB2532 Datasheet HTML 48Page - Microchip Technology USB2532 Datasheet HTML 49Page - Microchip Technology USB2532 Datasheet HTML 50Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 48 / 50 page
background image
USB 2.0 Hi-Speed 2-Port Hub Controller
Datasheet
DS00001701A-page 48
 2014 Microchip Technology Inc.
Chapter 11 Datasheet Revision History
Table 11.1 Revision History
REVISION LEVEL
& DATE
SECTION/FIGURE/ENTRY
CORRECTION
DS00001701A
replaces the previous SMSC version, revision 1.1
Rev. 1.1
(12-06-13)
SMBus Runtime Registers
Register definitions removed. These definitions are
provided in application note AN 26.18 “SMBus
Slave Interface for the
USB253x/USB3x13/USB46x4”.
Rev. 1.1
(09-24-13)
Table 9.3, “DC Electrical
Characteristics,” on page 42
Updated ICLK VIH max from “VDDCR12” to “3.6”
Section 9.6.2, "External Reference
Clock (REFCLK)," on page 45
Removed 50% duty cycle requirement.
Table 6.1, “Hub Configuration
Selection,” on page 25
Corrected SDA and CFG_SEL1 values for last two
entries in the table.
Rev. 1.0
(06-17-13)
Initial Release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com