Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2532 Datasheet(PDF) 38 Page - Microchip Technology

Part # USB2532
Description  USB 2.0 Hi-Speed 2-Port Hub Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2532 Datasheet(HTML) 38 Page - Microchip Technology

Back Button USB2532 Datasheet HTML 34Page - Microchip Technology USB2532 Datasheet HTML 35Page - Microchip Technology USB2532 Datasheet HTML 36Page - Microchip Technology USB2532 Datasheet HTML 37Page - Microchip Technology USB2532 Datasheet HTML 38Page - Microchip Technology USB2532 Datasheet HTML 39Page - Microchip Technology USB2532 Datasheet HTML 40Page - Microchip Technology USB2532 Datasheet HTML 41Page - Microchip Technology USB2532 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 50 page
background image
USB 2.0 Hi-Speed 2-Port Hub Controller
Datasheet
DS00001701A-page 38
 2014 Microchip Technology Inc.
function as expected per the USB 2.0 Specification with respect to a resume event. It will permit the
host to take over resume signaling.
For the case where the host is not able to drive a ‘K’ within the 14 ms time frame, the hub will stop
sending a ‘K’ on the upstream and downstream ports. It must follow through as a controlling hub and
properly terminate the resume with either an EOP or with HS terminations as is currently implemented
in the selective resume case, per the USB specification.
8.6
High Speed Indicator (HS_IND)
The HS_IND pin can be used to drive an LED. The active state of the LED will be determined as
follows:
If CFG_SEL1 = ‘0’, HS_IND is active high.
If CFG_SEL1 = ‘1’, then HS_IND is active low.
Assertion of HS_IND indicates the device is connected at high speed. Negation of HS_IND indicates
the device is connected at full speed.
Note: This pin shares functionality with the CFG_SEL1 configuration strap. The logic state of this pin
is internally latched on the rising edge of RESET_N (RESET_N negation), and is used to
determine the hub configuration method. Refer to Section 6.3.2, "Configuration Select
(CFG_SEL[1:0])," on page 28 for additional information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com