Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2532 Datasheet(PDF) 28 Page - Microchip Technology

Part # USB2532
Description  USB 2.0 Hi-Speed 2-Port Hub Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2532 Datasheet(HTML) 28 Page - Microchip Technology

Back Button USB2532 Datasheet HTML 24Page - Microchip Technology USB2532 Datasheet HTML 25Page - Microchip Technology USB2532 Datasheet HTML 26Page - Microchip Technology USB2532 Datasheet HTML 27Page - Microchip Technology USB2532 Datasheet HTML 28Page - Microchip Technology USB2532 Datasheet HTML 29Page - Microchip Technology USB2532 Datasheet HTML 30Page - Microchip Technology USB2532 Datasheet HTML 31Page - Microchip Technology USB2532 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 50 page
background image
USB 2.0 Hi-Speed 2-Port Hub Controller
Datasheet
DS00001701A-page 28
 2014 Microchip Technology Inc.
"Pin Descriptions," on page 10 and are identified by an underlined symbol name. The following sub-
sections detail the various configuration straps.
Configuration straps include internal resistors in order to prevent the signal from floating when
unconnected. If a particular configuration strap is connected to a load, an external pull-up or pull-down
should be used to augment the internal resistor to ensure that it reaches the required voltage level
prior to latching. The internal resistor can also be overridden by the addition of an external resistor.
Note: The system designer must guarantee that configuration straps meet the timing requirements
specified in Section 9.5.2, "Reset and Configuration Strap Timing," on page 44 and Section
9.5.1, "Power-On Configuration Strap Valid Timing," on page 43. If configuration straps are not
at the correct voltage level prior to being latched, the device may capture incorrect strap
values.
Note: Configuration straps must never be driven as inputs. If required, configuration straps can be
augmented, or overridden with external resistors.
6.3.1
Non-Removable Device (NON_REM[1:0])
The NON_REM[1:0] configuration straps are sampled at RESET_N negation to determine if ports [2:1]
contain permanently attached (non-removable) devices as follows. Additionally, because the
SUSP_IND indicator functionality is shared with the NON_REM0 configuration strap, the active state
of the LED connected to SUSP_IND will be determined as follows:
Note: If using the local power detect function (LOCAL_PWR pin), the NON_REM[1:0] configuration
straps cannot be used to configure the non-removable state of the USB ports. In this case, the
non-removable state of the ports must be configured in internal device registers via the
Protouch tool or SMBus.
6.3.2
Configuration Select (CFG_SEL[1:0])
Refer to Section 6.1, "Configuration Method Selection," on page 25 for details on CFG_SEL[1:0].
6.3.3
Downstream Battery Charging Enable (BC_EN[2:1])
The battery charging enable configuration straps are used to enable battery charging on the
corresponding downstream port. For example, if BC_EN1 is driven high during the configuration strap
latching time, downstream port 1 will indicate support of battery charging. Refer to Section 8.1.2,
"Downstream Battery Charging," on page 33 for additional information on battery charging.
Table 6.2 NON_REM[1:0] Configuration Definitions
NON_REM[1:0]
DEFINITION
‘00’
All USB ports removable, SUSP_IND LED active high
‘01’
Port 1 is non-removable, SUSP_IND LED active low
‘10’
Ports 1 & 2 are non-removable, SUSP_IND LED active high
‘11’
Ports 1 & 2 are non-removable, SUSP_IND LED active low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com