Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2532 Datasheet(PDF) 20 Page - Microchip Technology

Part # USB2532
Description  USB 2.0 Hi-Speed 2-Port Hub Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2532 Datasheet(HTML) 20 Page - Microchip Technology

Back Button USB2532 Datasheet HTML 16Page - Microchip Technology USB2532 Datasheet HTML 17Page - Microchip Technology USB2532 Datasheet HTML 18Page - Microchip Technology USB2532 Datasheet HTML 19Page - Microchip Technology USB2532 Datasheet HTML 20Page - Microchip Technology USB2532 Datasheet HTML 21Page - Microchip Technology USB2532 Datasheet HTML 22Page - Microchip Technology USB2532 Datasheet HTML 23Page - Microchip Technology USB2532 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 50 page
background image
USB 2.0 Hi-Speed 2-Port Hub Controller
Datasheet
DS00001701A-page 20
 2014 Microchip Technology Inc.
Chapter 4 Power Connections
4.1
Integrated Power Regulators
The integrated 3.3V and 1.2V power regulators allow the device to be supplied via a single 3.3V
external power supply.
The regulators are controlled by RESET_N. When RESET_N is brought high, the 3.3V regulator will
turn on. When RESET_N is brought low the 3.3V regulator will turn off.
4.2
Power Connection Diagrams
Figure 4.1 illustrates the power connections for the USB2532.
Figure 4.1 Power Connections
3.3V Regulator
(Bypass)
(IN)
(OUT)
VDDA33
+3.3V
Supply
1.2V
Core Logic
3.3V I/O
USB2532
Single Supply Application
1.2V Regulator
(IN)
(OUT)
3.3V Internal
Logic
VDDA33
VDDA33
VDDCR12
1.0uF
VSS
VDD33
(2x)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com