Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2642 Datasheet(PDF) 27 Page - Microchip Technology

Part # USB2642
Description  USB 2.0 Hub and Flash Media Card Controller Combo
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2642 Datasheet(HTML) 27 Page - Microchip Technology

Back Button USB2642 Datasheet HTML 23Page - Microchip Technology USB2642 Datasheet HTML 24Page - Microchip Technology USB2642 Datasheet HTML 25Page - Microchip Technology USB2642 Datasheet HTML 26Page - Microchip Technology USB2642 Datasheet HTML 27Page - Microchip Technology USB2642 Datasheet HTML 28Page - Microchip Technology USB2642 Datasheet HTML 29Page - Microchip Technology USB2642 Datasheet HTML 30Page - Microchip Technology USB2642 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 56 page
background image
 2014-2015 Microchip Technology Inc.
DS00001578C-page 27
USB2642
7.4.3.3
CEh-D2h: Inquiry Product String
7.4.3.4
D3h: Dynamic Number of LUNs
7.4.3.5
D4h-D7h: LUN to Device Mapping
7.4.3.6
D8h-DAh: Reserved
7.4.3.7
DBh-DDh: SD/MMC Bus Timing Control
7.4.3.8
DEh: Vendor ID (LSB)
Byte
Name
Description
4:0
INQ_PRD_STR
If bit 4 of the 1st attribute byte is set, the device will use these strings in
response to a USB inquiry command, instead of the USB descriptor
manufacturer and product ID strings.
Bit
Name
Description
7:0
DYN_NUM_LUN
This byte is used to specify the number of LUNs the device exposes to the
host. These bytes are also used for icon sharing by assigning more than one
LUN to a single icon. This is used in applications where the device utilizes
a combo socket and the OEM wishes to have only a single icon displayed
for one or more interfaces.
If this field is set to FF, the program assumes that you are using the default
value and icons will be configured per the default configuration.
Byte
Name
Description
3:0
LUN_DEV_MAP
These bytes are used to specify the number of LUNs the device exposes to
the host. These bytes are also used for icon sharing by assigning more than
one LUN to a single icon. This is used in applications where the device
utilizes a combo socket and the OEM wishes to have only a single icon
displayed for one or more interfaces.
If this field is set to FF, the program assumes that you are using the default
values and LUNs will be configured per the default configuration.
Bit
Name
Description
2:0
rsvd
Byte
Name
Description
2:0
SD_MMC_BUS_
TIMING
The values for these bytes are set internally and must not be altered.
Bit
Name
Description
7:0
VID_LSB
Least Significant Byte of the Vendor ID. This is a 16-bit value that uniquely
identifies the vendor of the user device (assigned by USB Implementer’s
Forum).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com