Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2642 Datasheet(PDF) 43 Page - Microchip Technology

Part # USB2642
Description  USB 2.0 Hub and Flash Media Card Controller Combo
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2642 Datasheet(HTML) 43 Page - Microchip Technology

Back Button USB2642 Datasheet HTML 39Page - Microchip Technology USB2642 Datasheet HTML 40Page - Microchip Technology USB2642 Datasheet HTML 41Page - Microchip Technology USB2642 Datasheet HTML 42Page - Microchip Technology USB2642 Datasheet HTML 43Page - Microchip Technology USB2642 Datasheet HTML 44Page - Microchip Technology USB2642 Datasheet HTML 45Page - Microchip Technology USB2642 Datasheet HTML 46Page - Microchip Technology USB2642 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 56 page
background image
USB2642
DS00001578C-page 44
 2014-2015 Microchip Technology Inc.
2:
+70°C for commercial version, +85°C for industrial version.
3:
The TJ (junction temperature) must not exceed 125°C.
4:
The 3.3 V supply should be at least at 75% of its operating condition before the 1.8 V supply is allowed to
ramp up.
8.3
Package Thermal Specifications
8.4
DC Electrical Characteristics
FIGURE 8-1:
SUPPLY RISE TIME MODELS
TABLE 8-1:
48-PIN QFN PACKAGE THERMAL PARAMETERS
Parameter
Symbol
Value
Unit
Comments
Thermal Resistance
ΘJA
28
°C/W
Measured from the die to the ambient air
Junction-to-Top-of-Package
ΨJT
0.2
°C/W
-
Parameter
Symbol
Min
Typ
Max
Units
Comments
I, IPU, IPD Type Input Buffer
See Note 11 for I
buffer
Low Input Level
VILI
0.8
V
TTL Levels
High Input Level
VIHI
2.0
V
Pull Down
PD
72
µA
Pull Up
PU
58
µA
IS Type Input Buffer
Low Input Level
VILI
0.8
V
TTL Levels
High Input Level
VIHI
2.0
V
t10%
10%
90%
Voltage
tRT
t90%
Time
100%
3.3 V
VSS
VDD33
t10%
10%
90%
Voltage
tRT
t90%
Time
100%
1.8 V
VSS
VDD18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com