Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2642 Datasheet(PDF) 45 Page - Microchip Technology

Part # USB2642
Description  USB 2.0 Hub and Flash Media Card Controller Combo
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2642 Datasheet(HTML) 45 Page - Microchip Technology

Back Button USB2642 Datasheet HTML 41Page - Microchip Technology USB2642 Datasheet HTML 42Page - Microchip Technology USB2642 Datasheet HTML 43Page - Microchip Technology USB2642 Datasheet HTML 44Page - Microchip Technology USB2642 Datasheet HTML 45Page - Microchip Technology USB2642 Datasheet HTML 46Page - Microchip Technology USB2642 Datasheet HTML 47Page - Microchip Technology USB2642 Datasheet HTML 48Page - Microchip Technology USB2642 Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 56 page
background image
USB2642
DS00001578C-page 46
2014-2015 Microchip Technology Inc.
5:
Output leakage is measured with the current pins in high impedance.
6:
See the USB 2.0 Specification, Chapter 7, for USB DC electrical characteristics
7:
RBIAS is a 3.3 V tolerant analog pin.
8:
Output current range is controlled by program software. The software disables the FET during short circuit
condition.
9:
Supply currents do not include power FET currents.
10:
HS Host, 2 ports active.
11:
Noise on the RESET_N signal can affect the startup, a clean 100us rise time is recommended for consistent
startup.
8.5
Capacitance
TA = 25°C; fc = 1 MHz; VDD33 = 3.3 V, VDD18 = 1.8 V
Supply Current Unconfigured
Note 9
Hi-Speed Host
ICCINTHS
--
75
mA
Full Speed Host
ICCINITFS
--
70
mA
Supply Current Active HS Host
(Note 10)
ICC
-
-
330
mA
Supply Current Suspend
ICSBY
-
-
2500
µA
Supply Current Reset
IRST
-
-
2500
µA
TABLE 8-2:
PIN CAPACITANCE
Parameter
Symbol
Limits
Unit
Test Conditions
Min
Typ
Max
XTAL Pin Input Capacitance
CXTAL
-
-
4
pF
All pins (except USB pins
and pins under test) are tied
to AC ground.
Input Capacitance
CIN
-
-
10
pF
Parameter
Symbol
Min
Typ
Max
Units
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com