Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2642 Datasheet(PDF) 46 Page - Microchip Technology

Part # USB2642
Description  USB 2.0 Hub and Flash Media Card Controller Combo
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2642 Datasheet(HTML) 46 Page - Microchip Technology

Back Button USB2642 Datasheet HTML 42Page - Microchip Technology USB2642 Datasheet HTML 43Page - Microchip Technology USB2642 Datasheet HTML 44Page - Microchip Technology USB2642 Datasheet HTML 45Page - Microchip Technology USB2642 Datasheet HTML 46Page - Microchip Technology USB2642 Datasheet HTML 47Page - Microchip Technology USB2642 Datasheet HTML 48Page - Microchip Technology USB2642 Datasheet HTML 49Page - Microchip Technology USB2642 Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 56 page
background image
2014-2015 Microchip Technology Inc.
DS00001578C-page 47
USB2642
9.0
AC SPECIFICATIONS
9.1
Oscillator/Crystal
Parallel Resonant, Fundamental Mode, 24 MHz
± 350 ppm.
Note 9-1
C0 is usually included (subtracted by the crystal manufacturer) in the specification for CL and should
be set to ‘0’ for use in the calculation of the capacitance formulas in Figure 9-2. However, the OEM
PCB itself may present a parasitic capacitance between XTAL1 and XTAL2. For an accurate
calculation of C1 and C2, take the parasitic capacitance between traces XTAL1 and XTAL2 into
account.
Note 9-2
Each of these capacitance values is typically approximately 18 pF.
FIGURE 9-1:
TYPICAL CRYSTAL CIRCUIT
TABLE 9-1:
CRYSTAL CIRCUIT LEGEND
Symbol
Description
In Accordance with
C0
Crystal shunt capacitance
Crystal manufacturer’s specification (see
Note 9-1)
CL
Crystal load capacitance
CB
Total board or trace capacitance
OEM board design
CS
Stray capacitance
Microchip IC and OEM board design
CXTAL
XTAL pin input capacitance
Microchip IC
C1
Load capacitors installed on OEM board
Calculated values based on Figure 9-2 (see
Note 9-2)
C2
FIGURE 9-2:
CAPACITANCE FORMULAS
C 1 = 2 x ( C L – C 0 ) – C S1
C 2 = 2 x ( C L – C 0 ) – C S2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com