Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2642 Datasheet(PDF) 54 Page - Microchip Technology

Part # USB2642
Description  USB 2.0 Hub and Flash Media Card Controller Combo
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2642 Datasheet(HTML) 54 Page - Microchip Technology

Back Button USB2642 Datasheet HTML 48Page - Microchip Technology USB2642 Datasheet HTML 49Page - Microchip Technology USB2642 Datasheet HTML 50Page - Microchip Technology USB2642 Datasheet HTML 51Page - Microchip Technology USB2642 Datasheet HTML 52Page - Microchip Technology USB2642 Datasheet HTML 53Page - Microchip Technology USB2642 Datasheet HTML 54Page - Microchip Technology USB2642 Datasheet HTML 55Page - Microchip Technology USB2642 Datasheet HTML 56Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 54 / 56 page
background image
2014 Microchip Technology Inc.
DS00001578C-page 55
USB2642
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
USB2642
Tape and Reel
Option:
Blank = Standard packaging (tray)
T
= Tape and Reel(1)
Temperature
Range:
Blank =
0
°C to +70°C
(Commercial)
I= -40
°C to +85°C
(Industrial)
Package:
ML
=
48-pin QFN
Special:
SEU =
Single Event Upset
(Low Alpha Emissions Package)
Examples:
a)
USB2642/ML
Tray, Commercial temp., 48-pin QFN
b)
USB2642-I/ML
Tray, Industrial temp., 48-pin QFN
c)
USB2642T/ML
Tape & reel, Commercial temp., 48-pin QFN
d)
USB2642T-I/ML-SEU
Tape & reel, Industrial temp., 48-pin QFN, Low
Alpha Emissions Package
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This
identifier is used for ordering purposes and is
not printed on the device package. Check
with your Microchip Sales Office for package
availability with the Tape and Reel option.
PART NO.
[X](1)
XX
Temperature
Tape and Reel
Device
[XX)
-
XXX
Package
-
/
Option
Range
Special
(Optional)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com