Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2642 Datasheet(PDF) 8 Page - Microchip Technology

Part # USB2642
Description  USB 2.0 Hub and Flash Media Card Controller Combo
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2642 Datasheet(HTML) 8 Page - Microchip Technology

Back Button USB2642 Datasheet HTML 4Page - Microchip Technology USB2642 Datasheet HTML 5Page - Microchip Technology USB2642 Datasheet HTML 6Page - Microchip Technology USB2642 Datasheet HTML 7Page - Microchip Technology USB2642 Datasheet HTML 8Page - Microchip Technology USB2642 Datasheet HTML 9Page - Microchip Technology USB2642 Datasheet HTML 10Page - Microchip Technology USB2642 Datasheet HTML 11Page - Microchip Technology USB2642 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
 2014-2015 Microchip Technology Inc.
DS00001578C-page 8
USB2642
4.0
PIN TABLE
TABLE 4-1:
USB2642 48-PIN TABLE (GROUPED BY FUNCTION)
Secure Digital (12 pins)
SD_D7
SD_D6
SD_D5
SD_D4
SD_D3
SD_D2
SD_D1
SD_D0
SD_CLK
SD_CMD
SD_nCD
SD_WP
USB 2.0 Interface (10 pins)
USBUP_DP
USBUP_DM
XTAL1 (CLKIN)
XTAL2
RBIAS
(3) VDDA33
VDD18PLL
REG_EN
2-PORT USB Interface (7 pins)
USBDN_DP2
USBDN_DM2
PRTCTL2
PRTCTL3
USBDN_DP3
USBDN_DM3
VBUS_DET
-
SPI Interface (4 pins)
SPI_CE_N
SPI_CLK/
SCL_EP
SPI_DO/
SDA_EP/
SPI_SPD_SEL
SPI_DI
I2C Interface (2 pins)
SCL
SDA
MISC (7 pins)
RESET_N
TEST0
TEST1
TEST2
GPO1
CRD_PWR
(1) NC
POWER (6 pins)
(4) VDD33
VDD33
VDD18
Total 48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com