Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2642 Datasheet(PDF) 29 Page - Microchip Technology

Part # USB2642
Description  USB 2.0 Hub and Flash Media Card Controller Combo
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2642 Datasheet(HTML) 29 Page - Microchip Technology

Back Button USB2642 Datasheet HTML 25Page - Microchip Technology USB2642 Datasheet HTML 26Page - Microchip Technology USB2642 Datasheet HTML 27Page - Microchip Technology USB2642 Datasheet HTML 28Page - Microchip Technology USB2642 Datasheet HTML 29Page - Microchip Technology USB2642 Datasheet HTML 30Page - Microchip Technology USB2642 Datasheet HTML 31Page - Microchip Technology USB2642 Datasheet HTML 32Page - Microchip Technology USB2642 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
 2014-2015 Microchip Technology Inc.
DS00001578C-page 29
USB2642
7.4.3.14
E4h: Configuration Data Byte 1 (CFG_DAT_BYT1)
Bit
Name
Description
7
SELF_BUS_PWR
Self- or Bus-Power: Selects between self- and bus-powered operation.
The hub is either self-powered (draws less than 2 mA of upstream bus
power) or bus-powered (limited to a 100 mA maximum of upstream power
prior to being configured by the host controller).
When configured as a bus-powered device, the Microchip hub consumes
less than 100 mA of current prior to being configured. After configuration, the
bus-powered Microchip hub (along with all associated hub circuitry, any
embedded devices if part of a compound device, and 100 mA per externally
available downstream port) must consume no more than 500 mA of
upstream VBUS current. The current consumption is system dependent, and
the OEM must ensure that the USB 2.0 specifications are not violated.
When configured as a self-powered device, <1 mA of upstream VBUS
current is consumed and all ports are available, with each port being capable
of sourcing 500 mA of current.
0
: bus-powered operation
1
: self-powered operation
6
rsvd
5
HS_DISABLE
Hi-Speed Disable: Disables the capability to attach as either a Hi-/Full-Speed
device, and forces attachment as Full-Speed only (i.e., no Hi-Speed support).
0
: Hi-/Full-Speed
1
: Full-Speed-Only (Hi-Speed disabled!)
4
rsvd
3
EOP_DISABLE
EOP Disable: Disables EOP generation of EOF1 when in Full-Speed mode.
During FS operation only, this permits the hub to send EOP if no
downstream traffic is detected at EOF1. See Section 11.3.1 of the USB 2.0
Specification (References) for additional details.
0
: An EOP is generated at the EOF1 point if no traffic is detected.
1
: EOP generation at EOF1 is disabled (normal USB operation).
Generation of an EOP at the EOF1 point may prevent a host controller
(operating in FS mode) from placing the USB bus in suspend.
2:1
CURRENT_SNS
Over-Current Sense: Selects current sensing on a port-by-port basis, all
ports ganged, or none (only for bus-powered hubs). The ability to support
current sensing on a per port or ganged basis is dependent upon the
hardware implementation.
00
: ganged sensing (all ports together)
01
: individual (port-by-port)
1x
: over-current sensing is not supported (must only be used with bus-
powered configurations)
0
PORT_PWR
Port Power Switching: Enables power switching on all ports simultaneously
(ganged), or port power is individually switched on and off on a port-by-port
basis (individual). The ability to support power enabling on a port or ganged
basis is dependent upon the hardware implementation.
0
: ganged switching (all ports together)
1
: individual port-by-port switching



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com