Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2642 Datasheet(PDF) 13 Page - Microchip Technology

Part # USB2642
Description  USB 2.0 Hub and Flash Media Card Controller Combo
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2642 Datasheet(HTML) 13 Page - Microchip Technology

Back Button USB2642 Datasheet HTML 9Page - Microchip Technology USB2642 Datasheet HTML 10Page - Microchip Technology USB2642 Datasheet HTML 11Page - Microchip Technology USB2642 Datasheet HTML 12Page - Microchip Technology USB2642 Datasheet HTML 13Page - Microchip Technology USB2642 Datasheet HTML 14Page - Microchip Technology USB2642 Datasheet HTML 15Page - Microchip Technology USB2642 Datasheet HTML 16Page - Microchip Technology USB2642 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
 2014-2015 Microchip Technology Inc.
DS00001578C-page 13
USB2642
5.3.2
PORT POWER CONTROL USING A POLY FUSE
When using the USB2642 with a poly fuse, an external diode must be used (see Figure 5-2). When disabling port power,
the USB2642 driver will drive a 0. This procedure will have no effect since the external diode will isolate the pin from the
load. When port power is enabled, the USB2642 output driver is disabled, and the pull-up resistor is enabled which cre-
ates an open drain output. This means that the pull-up resistor is providing 3.3 volts to the anode of the diode. If there
is an over-current situation, the poly fuse will open. This will cause the cathode of the diode to go to zero volts. The
anode of the diode will be at 0.7 volts, and the Schmitt trigger input will register this as a low resulting in an over-current
detection. The open drain output does not interfere.
FIGURE 5-1:
PORT POWER CONTROL WITH USB POWER SWITCH
USB2642
USB Power
Switch
5 V
USB
Device
PRTCTL3
EN
OCS
USB Power
Switch
5 V
USB
Device
PRTCTL2
EN
OCS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com