Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3813 Datasheet(PDF) 26 Page - Microchip Technology

Part # USB3813
Description  USB 2.0 Hi-Speed 3-Port Hub Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3813 Datasheet(HTML) 26 Page - Microchip Technology

Back Button USB3813 Datasheet HTML 22Page - Microchip Technology USB3813 Datasheet HTML 23Page - Microchip Technology USB3813 Datasheet HTML 24Page - Microchip Technology USB3813 Datasheet HTML 25Page - Microchip Technology USB3813 Datasheet HTML 26Page - Microchip Technology USB3813 Datasheet HTML 27Page - Microchip Technology USB3813 Datasheet HTML 28Page - Microchip Technology USB3813 Datasheet HTML 29Page - Microchip Technology USB3813 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 57 page
background image
USB 2.0 Hi-Speed 3-Port Hub Controller Optimized for Portable Applications
Datasheet
DS00001715A-page 26
 2014 Microchip Technology Inc.
6.2.1.6
Other Embedded Controller functions over USB
The following miscellaneous functions may be configured via USB:
Enable/Disable Embedded controller enumeration
Program Configuration parameters.
Program descriptor fields:
—Language ID
—Manufacturer string
—Product string
—idVendor
—idProduct
—bcdDevice
6.2.2
SMBus Accessible Functions
6.2.2.1
OTP Access over SMBus
The device’s OTP ROM is accessible over SMBus. All OTP parameters can modified via the SMbus
Host. The OTP can be programmed to operate in Single-Ended, Differential, Redundant, or Differential
Redundant mode, depending on the level of reliability required. The supported commands are:
Enable OTP reset
Set OTP operating mode
Set OTP read mode
Program OTP
Get OTP Status
Program OTP control parameters
6.2.2.2
Configuration Access over SMBus
The following functions are available over SMBus prior to the hub attaching to the USB host:
Program Configuration parameters.
Program descriptor fields:
—Language ID
—Manufacturer string
—Product string
—idVendor
—idProduct
—bcdDevice
Program Control Register
6.3
Device Configuration Straps
Configuration straps are multi-function pins that are driven as outputs during normal operation. During
a Power-On Reset (POR) or an External Chip Reset (RESET_N), these outputs are tri-stated. The high
or low state of the signal is latched following de-assertion of the reset and is used to determine the
default configuration of a particular feature. Configuration straps are latched as a result of a Power-On
Reset (POR) or a External Chip Reset (RESET_N). Configuration strap signals are noted in Chapter 3,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com