Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3813 Datasheet(PDF) 33 Page - Microchip Technology

Part # USB3813
Description  USB 2.0 Hi-Speed 3-Port Hub Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3813 Datasheet(HTML) 33 Page - Microchip Technology

Back Button USB3813 Datasheet HTML 29Page - Microchip Technology USB3813 Datasheet HTML 30Page - Microchip Technology USB3813 Datasheet HTML 31Page - Microchip Technology USB3813 Datasheet HTML 32Page - Microchip Technology USB3813 Datasheet HTML 33Page - Microchip Technology USB3813 Datasheet HTML 34Page - Microchip Technology USB3813 Datasheet HTML 35Page - Microchip Technology USB3813 Datasheet HTML 36Page - Microchip Technology USB3813 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 57 page
background image
USB 2.0 Hi-Speed 3-Port Hub Controller Optimized for Portable Applications
Datasheet
 2014 Microchip Technology Inc.
DS00001715A-page 33
7.1.8
JEDEC-ID Read Example
To perform a JEDEC-ID command, the device writes 0x9F into the first byte of the SPI_CMD_BUF.
The length of the transfer is 4 bytes. The device first drives SPI_CE_N low, then SPI_DO is output
with 8 bits of the command, followed by the 24 bits of dummy bytes (due to the length being set to 4).
When the transfer is complete, SPI_CE_N goes high. After the first byte, the data on SPI_DI is clocked
into the SPI_RSP_BUF. At the end of the command, there are three valid bytes in the SPI_RSP_BUF.
In this example, 0xBF, 0x25, 0x8E.
7.2
I2C Master Interface
The I2C master interface implements a subset of the I2C Master Specification (Please refer to the
Philips Semiconductor Standard I2C-Bus Specification for details on I2C bus protocols). The device’s
I2C master interface conforms to the Standard-Mode I2C Specification (100 kbit/s transfer rate and 7-
bit addressing) for protocol and electrical compatibility. The device acts as the master and generates
the serial clock SCL, controls the bus access (determines which device acts as the transmitter and
which device acts as the receiver), and generates the START and STOP conditions.
Note: Extensions to the I2C Specification are not supported.
Note: All device configuration must be performed via the Pro-Touch Programming Tool. For additional
information on the Pro-Touch programming tool, contact your local sales representative.
7.2.1
I2C Message Format
7.2.1.1
Sequential Access Writes
The I2C interface supports sequential writing of the device’s register address space. This mode is
useful for configuring contiguous blocks of registers. Figure 7.7 shows the format of the sequential
Figure 7.6 SPI JEDEC-ID Read Sequence
SPI_CE_N
SPI_CLK
SPI_DO
SPI_DI
8
9F
MSB
HIGH IMPEDANCE
11 12 13 14 15 16
12 3 4
05
7
6
10
9
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34
BF
25
8E
MSB
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com